Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT88430 Datasheet(PDF) 22 Page - Qorvo, Inc

Part # ACT88430
Description  Advanced PMU for Microcontrollers and Solid State Drive Applications
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT88430 Datasheet(HTML) 22 Page - Qorvo, Inc

Back Button ACT88430 Datasheet HTML 18Page - Qorvo, Inc ACT88430 Datasheet HTML 19Page - Qorvo, Inc ACT88430 Datasheet HTML 20Page - Qorvo, Inc ACT88430 Datasheet HTML 21Page - Qorvo, Inc ACT88430 Datasheet HTML 22Page - Qorvo, Inc ACT88430 Datasheet HTML 23Page - Qorvo, Inc ACT88430 Datasheet HTML 24Page - Qorvo, Inc ACT88430 Datasheet HTML 25Page - Qorvo, Inc ACT88430 Datasheet HTML 26Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 74 page
background image
Data Sheet Rev. G, August 2021 | Subject to change without notice
22 of 74
www.qorvo.com
© 2020 Qorvo US, Inc. All rights reserved. Confidential
ACT88430
Advanced PMU for Microcontrollers and Solid State Drive Applications
®
LDO1 ELECTRICAL CHARACTERISTICS
(VIN_LDO1 = 3.3V, TA = 25°C, unless otherwise specified.)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Operating Voltage Range
2.4
5.5
V
Output Voltage Range
Configurable in 25mV steps
0.8
4
V
Output Current
VIN_LDO1 = 2.7V to 5.5V, LDO1_ILIM=11
0.75
A
VIN_LDO1 = 2.4V to 2.7V, LDO1_ILIM=1X
0.4
A
Output Voltage Accuracy
At default output voltage setting
VIN_LDO1 - VLDO1_OUT > 0.4V
-1
VNOM
1
%
Line Regulation
VIN_LDO1 - VLDO1_OUT > 0.4V
VIN_LDO1 = 2.7V to 5.5V
ILDO1_OUT = 1mA
0.005
% / V
Load Regulation
ILDO1_OUT = 1mA to 750mA
0.15
% / A
Supply Current
Regulator Enabled No Load
25
42
µA
Regulator Disabled
0
1
Soft-Start Period
LDO1_SS=00 (Default)
LDO1_SS=01 VLDO1_OUT = 10% to 90%
LDO1_SS=10 VLDO1_OUT = 1.8V Setting
LDO1_SS=11
226
323
440
570
µs
Power Good Threshold
VLDO1_OUT Rising
92
93
94
%VNOM
Power Good Hysteresis
VLDO1_OUT Falling
3
%VNOM
Overvoltage Fault Threshold
VLDO1_OUT Rising
107.5
110
112.5
%VNOM
Overvoltage Fault Hysteresis
VLDO1_OUT Falling
3
%VNOM
Discharge Resistance
Enabled when regulator disabled
10
25
75
Ω
Dropout Voltage
ILDO1_OUT = 200mA, VIN_LDO1 > 2.7V
200
mV
ILDO1_OUT = 400mA, LDO1_ILIM=1X
300
mV
ILDO1_OUT = 750mA VIN_LDO1 > 2.7V
LDO_ILIM=11
400
mV
Output Current Limit
LDO1_ILIM=00
LDO1_ILIM=01
LDO1_ILIM=10
LDO1_ILIM=11
-15%
350
500
630
1000
+15%
mA
Startup Delay
Additional startup delay required before soft start
ramp LDO1_SS=00
31
44
65
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com