Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT88430 Datasheet(PDF) 38 Page - Qorvo, Inc

Part # ACT88430
Description  Advanced PMU for Microcontrollers and Solid State Drive Applications
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT88430 Datasheet(HTML) 38 Page - Qorvo, Inc

Back Button ACT88430 Datasheet HTML 34Page - Qorvo, Inc ACT88430 Datasheet HTML 35Page - Qorvo, Inc ACT88430 Datasheet HTML 36Page - Qorvo, Inc ACT88430 Datasheet HTML 37Page - Qorvo, Inc ACT88430 Datasheet HTML 38Page - Qorvo, Inc ACT88430 Datasheet HTML 39Page - Qorvo, Inc ACT88430 Datasheet HTML 40Page - Qorvo, Inc ACT88430 Datasheet HTML 41Page - Qorvo, Inc ACT88430 Datasheet HTML 42Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 74 page
background image
Data Sheet Rev. G, August 2021 | Subject to change without notice
38 of 74
www.qorvo.com
© 2020 Qorvo US, Inc. All rights reserved. Confidential
ACT88430
Advanced PMU for Microcontrollers and Solid State Drive Applications
®
LDO3
0x81h
RANGE_LDO3
1
Output-
Low
0
Output-
High
The programming range for Output-Low is 0.8V to
2.375V in 25mV steps.
VLDOx = 0.8V + LDOxVSET * 0.025V
Where LDOxVSET is the decimal equivalent of the
value in each regulator’s I2C LDOxVSET register. The
LDOxVSET registers contain an unsigned 6-bit binary
value. As an example, if LDO 1’s LDOxVSET register
contains 101000b (40 decimal), the output voltage is
1.8V.
The programming range for Output-High is 2.0V to
3.575V in 25mV steps.
VLDOx = 2.0V + LDOxVSET * 0.025V
Where LDOxVSET is the decimal equivalent of the
value in each regulator’s I2C LDOxVSET register. The
LDOxVSET registers contain an unsigned 6-bit binary
value. As an example, if LDO 1’s LDOxVSET register
contains 01010000b (52 decimal), the output voltage is
3.3V.
Qorvo recommends that an LDO’s output voltage be
kept within +/- 25% of the default output voltage to main-
tain accuracy. Voltage changes larger than +/- 25% may
require different factory trim settings (new CMI) to main-
tain accuracy.
Overcurrent and Short Circuit Protection
Each LDO provides overcurrent and short circuit
protection. The overcurrent threshold is set by the
LDOx_ILIM I2C bits. In both an overload and a short
circuit condition, the LDO limits the output current which
causes the output voltage to drop. This can result in an
undervoltage fault in addition to the current limit fault. If
an LDO reaches current limit protection, the status is
reported in the ILIM_REG[x] I2C registers. The contents
of these registers are latched until read via I2C. When
the current limiting results in a drop in output voltage
that triggers an undervoltage condition, the IC shuts
down all power supplies, asserts IRQ low, and enters
the UVLOFLT state. The IC restarts in 100ms and starts
up with default sequencing. Overcurrent and short
circuit conditions can be masked via the I2C bit
LDOx_ILIM_FLTMSK.
Input Capacitor Selection
Each LDO requires a high quality, low-ESR, ceramic
input capacitor. A 1uF is typically suitable, but this value
can be increased without limit. The input capacitor is
should be a X5R, X7R, or similar dielectric.
Output Capacitor Selection
Each LDO requires a high quality, low-ESR, ceramic
output capacitor. A 1uF is typically suitable, but this
value can be increased without limit. The input capacitor
is should be a X5R, X7R, or similar dielectric.
LDO1 Load Switch Mode
LDO1 has an option to be used as a load switch. This
option is only accessible via factory I2C bits and requires
a custom CMI. When in load switch mode, LDO1 still
retains
overcurrent
protection.
Overvoltage
and
undervoltage protection are disabled.
The load switch mode softstart times are the same as
the LDO mode times.
The following table shows the load switch Current
limit settings.
Table 8: Load Switch Current Limit Settings
ILIM_SET<1:0>
ILIM(mA)
0
1415
1
1503
2
1626
3
1904
Both Overvoltage and Undervoltage functionality are
disabled.
The LDO1 POK is functional in Load Switch mode. The
POK signal is asserted when the switch is enabled and
is not in current limit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com