Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88796BLF Datasheet(PDF) 19 Page - ASIX Electronics Corporation

Part # AX88796BLF
Description  Low-pin-count Non-PCI 8/16-bit 10/100M Fast Ethernet Controller
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88796BLF Datasheet(HTML) 19 Page - ASIX Electronics Corporation

Back Button AX88796BLF Datasheet HTML 15Page - ASIX Electronics Corporation AX88796BLF Datasheet HTML 16Page - ASIX Electronics Corporation AX88796BLF Datasheet HTML 17Page - ASIX Electronics Corporation AX88796BLF Datasheet HTML 18Page - ASIX Electronics Corporation AX88796BLF Datasheet HTML 19Page - ASIX Electronics Corporation AX88796BLF Datasheet HTML 20Page - ASIX Electronics Corporation AX88796BLF Datasheet HTML 21Page - ASIX Electronics Corporation AX88796BLF Datasheet HTML 22Page - ASIX Electronics Corporation AX88796BLF Datasheet HTML 23Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 82 page
background image
ASIX ELECTRONICS CORPORATION
19
AX88796BLF / AX88796BLI
Transmit Packet Assembly
The AX88796B requires a contiguous assembled packet with the format shown below. The transmit byte count
includes the Destination Address, Source Address, Length Field and Data. It does not include preamble and CRC.
When transmitting data smaller than 64 bytes, AX88796B can auto padding to a minimum length of 64 bytes
Ethernet frame. The packets are placed in the buffer RAM by the system. System programs the AX88796B Core's
Remote DMA to move the data from the system buffer RAM to internal transmit buffer RAM.
The data transfer must be 16-bits (1 word) when in 16-bit mode, and 8-bits when the AX88796B Controller is set in
8-bit mode. The data width is selected by setting the WTS bit in the Data Configuration Register.
Destination Address
6 Bytes
Source Address
6 Bytes
Length / Type
2 Bytes
Data
(Pad if < 46 Bytes)
46 Bytes
Min.
General Transmit Packet Format
Transmission
Prior to transmission, the TPSR (Transmit Page Start Register) and TBCR0, TBCR1 (Transmit Byte Count
Registers) must be initialized. To initiate transmission of the packet the TXP bit in the Command Register is set. The
Transmit Status Register (TSR) is cleared and the AX88796B begins to pre-fetch transmit data from memory. If the
Inter-packet Gap (IPG) has timed out the AX88796B will begin transmission.
Conditions Required To Begin Transmission
In order to transmit a packet, the following three conditions must be met:
1. The Inter-packet Gap Timer has timed out
2. At least one byte has entered the FIFO.
3. If a collision had been detected then before transmission the packet back-off time must have timed out.
Collision Recovery
During transmission, the Buffer Management logic monitors the transmit circuitry to determine if a collision has
occurred. If a collision is detected, the Buffer Management logic will reset the FIFO and restore the Transmit DMA
pointers for retransmission of the packet. The COL bit will be set in the TSR and the NCR (Number of Collisions
Register) will be incremented. If 15 retransmissions each result in a collision the transmission will be aborted and
the ABT bit in the TSR will be set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com