Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88796BLF Datasheet(PDF) 25 Page - ASIX Electronics Corporation

Part # AX88796BLF
Description  Low-pin-count Non-PCI 8/16-bit 10/100M Fast Ethernet Controller
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88796BLF Datasheet(HTML) 25 Page - ASIX Electronics Corporation

Back Button AX88796BLF Datasheet HTML 21Page - ASIX Electronics Corporation AX88796BLF Datasheet HTML 22Page - ASIX Electronics Corporation AX88796BLF Datasheet HTML 23Page - ASIX Electronics Corporation AX88796BLF Datasheet HTML 24Page - ASIX Electronics Corporation AX88796BLF Datasheet HTML 25Page - ASIX Electronics Corporation AX88796BLF Datasheet HTML 26Page - ASIX Electronics Corporation AX88796BLF Datasheet HTML 27Page - ASIX Electronics Corporation AX88796BLF Datasheet HTML 28Page - ASIX Electronics Corporation AX88796BLF Datasheet HTML 29Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 82 page
background image
ASIX ELECTRONICS CORPORATION
25
AX88796BLF / AX88796BLI
.
For Example.
A Ping packet is configured as a Wakeup frame and AX88196B MAC address is 00 A0 0C C4 7D 69.
00 A0 0C C4 7D 69 00 0E C6 12 34 56 08 00 45 00
00 3C 01 8C 00 00 80 01 27 1E C0 09 C9 02 C0 09
C9 01 08 00 47 5C 05 00 01 00 61 62 63 64 65 66
67 68 69 6A 6B 6C 6D 6E 6F 70 71 72 73 74 75 76
77 61 62 63 64 65 66 67 68 69 CRC (4 bytes)
Host configure Wakeup frame registers sequences
// Go to gape3
Write CR(Offset 0h) C2h
; page3
// Set Byte Mask 0 = 00 40 08 07
Write WFBM0 (Page3, Offset 01H) 07h
; WFBM0 = 07 00 00 00h
Write WFBM0 (Page3, Offset 01H) 08h
; WFBM0 = 08 07 00 00h
Write WFBM0 (Page3, Offset 01H) 40h
; WFBM0 = 40 08 07 00h
Write WFBM0 (Page3, Offset 01H) 00h
; WFBM0 = 00 40 08 07h
// Set {Wakeup Frame 1 CRC, Wakeup Frame 0 CRC} = 00 00 2B 42h
Write WF10CRC (Offset 05H) 42h
; WF10CRC = 42 00 00 00h
Write WF10CRC (Offset 05H) 2Bh
; WF10CRC = 2B 42 00 00h
Write WF10CRC (Offset 05H) 00h
; WF10CRC = 00 2B 42 00h
Write WF10CRC (Offset 05H) 00h
; WF10CRC = 00 00 2B 42h
// Set {Offset 3 2 1 0} = 00 00 00 06h
Write WFOFST (Offset 07H) 06h
; WFOFST = 06 00 00 00h
Write WFOFST (Offset 07H) 00h
; WFOFST = 00 06 00 00h
Write WFOFST (Offset 07H) 00h
; WFOFST = 00 00 06 00h
Write WFOFST (Offset 07H) 00h
; WFOFST = 00 00 00 06h (Offset = 6*2 = 12)
// Set {Last Byte 3 2 1 0} = 00 00 00 08h
Write WFLB (Page3, Offset 08H) 08h
; {Last Byte 3 2 1 0} = 08 00 00 00h
Write WFLB (Page3, Offset 08H) 00h
; {Last Byte 3 2 1 0} = 00 08 00 00h
Write WFLB (Page3, Offset 08H) 00h
; {Last Byte 3 2 1 0} = 00 00 08 00h
Write WFLB (Page3, Offset 08H) 00h
; {Last Byte 3 2 1 0} = 00 00 00 08h
// Set {Cascade, Command 3 2 1 0} = 00 00 00 03h
Write WFCMD (Offset 09H) 03h
; WFCMD = 03 00 00 00h
Write WFCMD (Offset 09H) 00h
; WFCMD = 00 03 00 00h
Write WFCMD (Offset 09H) 00h
; WFCMD = 00 00 03 00h
Write WFCMD (Offset 09H) 00h
; WFCMD = 00 00 00 03h (enabled wake-up frame filter 0, and DA
match is required)
// Set PME and IRQ pin I/O Buffer Type (Please Ref. Datasheet Offset 15 descriptions)
Write BTCR (Offset 15H)
;
// Host enables wakeup frame detection then enter D1 sleep
Write WUCSR (Page3, Offset 0AH) 02h
; (Wakeup frame enable)
Write PMR (Offset 0BH) 01h
; (Enter D1 Sleep mode)
4.3.2 Magic Packet frame
AX88796B checks frame for 16 repetitions of the MAC address without any breaks or interruptions. The 16
repetitions may be anywhere in the frame but must be preceded by the synchronization stream
48’hFF_FF_FF_FF_FF_FF pattern. If the MAC address of a node is 00h 11h 22h 33h 44h 55h, then AX88796B
scans for the following data sequence in an Ethernet frame.
Destination Address (6 byte) Source Address (6 byte) . . . . . . . . . FF
FF
FF
FF
FF
FF
00
11
22
33
44
55
00
11
22
33
44
55
00
11
22
33
44
55
00
11
22
33
44
55
00
11
22
33
44
55
00
11
22
33
44
55
00
11
22
33
44
55
00
11
22
33
44
55
00
11
22
33
44
55
00
11
22
33
44
55
00
11
22
33
44
55
00
11
22
33
44
55
00
11
22
33
44
55
00
11
22
33
44
55
00
11
22
33
44
55
00
11
22
33
44
55
. . . . . . . . . CRC (4 byte)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com