Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88796BLF Datasheet(PDF) 6 Page - ASIX Electronics Corporation

Part # AX88796BLF
Description  Low-pin-count Non-PCI 8/16-bit 10/100M Fast Ethernet Controller
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88796BLF Datasheet(HTML) 6 Page - ASIX Electronics Corporation

Back Button AX88796BLF Datasheet HTML 2Page - ASIX Electronics Corporation AX88796BLF Datasheet HTML 3Page - ASIX Electronics Corporation AX88796BLF Datasheet HTML 4Page - ASIX Electronics Corporation AX88796BLF Datasheet HTML 5Page - ASIX Electronics Corporation AX88796BLF Datasheet HTML 6Page - ASIX Electronics Corporation AX88796BLF Datasheet HTML 7Page - ASIX Electronics Corporation AX88796BLF Datasheet HTML 8Page - ASIX Electronics Corporation AX88796BLF Datasheet HTML 9Page - ASIX Electronics Corporation AX88796BLF Datasheet HTML 10Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 82 page
background image
ASIX ELECTRONICS CORPORATION
6
AX88796BLF / AX88796BLI
2.0 Signal Description
The following abbreviations are used in AX88796B pinout:
All pin names with the “n” suffix are low-active signals.
The following abbreviations are used in following Tables.
I
Input 1.8V
O
Output 1.8V
I5
Input 3.3V with 5V tolerant
O5
Output 3.3V with 5V tolerant
T5
Tri-state with 5V tolerant
B5
Bi-directional I/O, 3.3V with 5V tolerant
4m
4mA driving strength
8m
8mA driving strength
S
Schmitt trigger
PU
Internal Pull Up 75Kohm
PD
Internal Pull Down 75kohm
P
Power Pin
A
Analog
2.1 Local CPU Bus Interface Signals Group
Signal
Type
Pin No.
Description
SA[4:0]
I5
46, 47, 48, 49,
50
System Address: Signals SA[4:0] are address bus input lines. Used to
select internal CSR’s.
SA[5] or
FIFO_SEL
I5/PD
45
System Address or FIFO Select: When driven high, all accesses to the
AX88796B are to the RX or TX data buffer FIFO (DP).
AX88796B supports two kinds of Data Port for receiving/transmitting
packets from/to AX88796B. One is the PIO Data Port (offset 10h);
the other one is the SRAM-like Data Port (e.g. offset 800h ~ FFFh for
Samsung2440 processor as described in Appendix A4 of AX88796B
datasheet). The SRAM-like Data Port address range depends on
which address line of host processor is being connected to the address
line SA5/FIFO_SEL of AX88796B.
Software on host CPU can issue Single Data Read/Write command to
both PIO Data Port and SRAM-like Data Port. However, to use Burst
Data Read/Write commands, one has to use SRAM-like Data Port,
which requires SA5/FIFO_SEL (pin 45) of AX88796B connecting to
an upper address line of host CPU. Our reference schematic has
SA5/FIFO_SEL pin connected to upper address line for supporting
Burst Data Read/Write commands.
SD[15:0]
B5/8m
27, 28, 29, 30,
31, 32, 33, 34,
35, 36, 37, 38,
39, 40, 41, 42
System Data Bus: Signals SD[15:0] constitute the bi-directional data
bus.
IRQ
O5/T5/8m
23
Programmable Interrupt request. Programmable polarity, source and
buffer types.
Can be configure by EEPROM auto-loader or BTCR (offset 15h)
CSn
I5
52
Chip Select: Active low.
RDn
I5
53
Read: Active low strobe to indicate a read cycle.
WRn
I5
54
Write: Active low strobe to indicate a write cycle. This signal also
used to wakeup the AX88796B when it is in reduced power state.
IOIS16n
T5/8m
55
16 Bit Port: For ISA bus used. The IOIS16n is asserted when the
address at the range corresponds to an I/O address to which the chip
responds, and the I/O port addressed is capable of 16-bit access.
AEN or PSEN
I5
51
Address Enable: When 186, ISA mode, this signal is active low to
access AX88796B.
PSEN: When 51 modes, this signal is active high to access
AX88796B.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com