Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88796BLF Datasheet(PDF) 81 Page - ASIX Electronics Corporation

Part # AX88796BLF
Description  Low-pin-count Non-PCI 8/16-bit 10/100M Fast Ethernet Controller
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88796BLF Datasheet(HTML) 81 Page - ASIX Electronics Corporation

Back Button AX88796BLF Datasheet HTML 74Page - ASIX Electronics Corporation AX88796BLF Datasheet HTML 75Page - ASIX Electronics Corporation AX88796BLF Datasheet HTML 76Page - ASIX Electronics Corporation AX88796BLF Datasheet HTML 77Page - ASIX Electronics Corporation AX88796BLF Datasheet HTML 78Page - ASIX Electronics Corporation AX88796BLF Datasheet HTML 79Page - ASIX Electronics Corporation AX88796BLF Datasheet HTML 80Page - ASIX Electronics Corporation AX88796BLF Datasheet HTML 81Page - ASIX Electronics Corporation AX88796BLF Datasheet HTML 82Page - ASIX Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 81 / 82 page
background image
ASIX ELECTRONICS CORPORATION
81
AX88796BLF / AX88796BLI
Reversion History
Revision
Date
Comment
V1.0
2006/03/01
Initial Release.
V1.1
2006/03/31
1.
Correct some typo errors.
2.
Change page3 offset 0Dh register name from P30D to MISC.
3.
Change the name of bit 5 of MCR register from TQCE to BBTC.
4.
Define a short name “TXCQF” for bit 7 of CTEPR register.
5.
Add the default values of PHY registers into Section 5.2.
V1.2
2006/09/08
1.
Correct the pin descriptions of pin 60 and 63 in Figure 2 and Section
2-5.
2.
Correct the Wakeup Frame registers configuration information in
Section 4.3.1.
3.
Update the reference schematics in Section 7.3.2, Appendix A1.
4.
Remove Demonstration Circuit A, B, C reference schematics.
V1.3
2006/09/20
1.
Modify the resistance value of pin 64 (RSET_BG) from 11.8 ± 1% K
ohm to 12.1 ± 1% K ohm.
V1.4
2006/10/05
1.
Add Thermal Resistance values (ΘJc, ΘJA) of Junction in Section
7.3.2.
2.
Correct the SD[7:0] values of Read cycle in Appendix A3 “186-like
(16-bit)”.
3.
Correct the SD[7:0] and SD[15:8] values of offset 1Fh register Read
cycle in Appendix A1~A4.
V1.5
2007/3/19
1. Add US patent approved (NO 6799231) and VLAN in the Features
page.
2. Change the product name in the Features page.
3. Correct the TPI+/TPI- pin name of AX88796B Pin Out Diagram in
Section 1.3.
4. Modify some pin descriptions in Section 2.2 and 2.5.
5. Modify the Wake-up Configuration descriptions in Section 4.3.1 and
5.1.54.
6. Change the Storage Temperature to –65 to 150
°C in Section 7.1.
7. Add Appendix A5 to indicate the reference connection for big-endian
processor.
8. Add Appendix B to indicate how to disable the internal regulator.
V1.6
2007/4/27
1.
Modify the description of SA5/FIFO_SEL pin in Section 2.1 and
Appendix A4.
2.
Swapped the pin name of XTALIN and XTALOUT in Section 2.5
and Figure 2.
V1.7
2007/8/18
1.
Correct a typo in Revision History table.
2.
Add some information into Section 7.2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com