Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88796BLF Datasheet(PDF) 9 Page - ASIX Electronics Corporation

Part # AX88796BLF
Description  Low-pin-count Non-PCI 8/16-bit 10/100M Fast Ethernet Controller
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88796BLF Datasheet(HTML) 9 Page - ASIX Electronics Corporation

Back Button AX88796BLF Datasheet HTML 5Page - ASIX Electronics Corporation AX88796BLF Datasheet HTML 6Page - ASIX Electronics Corporation AX88796BLF Datasheet HTML 7Page - ASIX Electronics Corporation AX88796BLF Datasheet HTML 8Page - ASIX Electronics Corporation AX88796BLF Datasheet HTML 9Page - ASIX Electronics Corporation AX88796BLF Datasheet HTML 10Page - ASIX Electronics Corporation AX88796BLF Datasheet HTML 11Page - ASIX Electronics Corporation AX88796BLF Datasheet HTML 12Page - ASIX Electronics Corporation AX88796BLF Datasheet HTML 13Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 82 page
background image
ASIX ELECTRONICS CORPORATION
9
AX88796BLF / AX88796BLI
3.0 Memory and CSR Mapping
1.
EEPROM Memory Mapping
2.
CSR Mapping
3.
Local Memory Mapping
3.1 EEPROM Memory Mapping
EEPROM interface can access via CSR offset 14h SMI/EEPROM registers when auto load operation completed.
The content of EEPROM data will be auto-loaded to internal memory from 0000h to 001Fh and from 0400h to
040Fh automatically when hardware reset. It is similar to NE2000 PROM store Ethernet address. The real MAC
address must configured by PAR0 ~ PAR5 (CR page1 offset1 ~ offset6). The auto-loader only write to internal
SRAM not write to PAR0 ~ PAR5. An example as below, if the desired Ethernet physical address is
10-32-54-76-98-BA
It is a programmed EEPROM if auto-load value is 5AA5h from EEPROM address 0h. After hardware reset the
EEPROM loader will read first word and check pattern 5AA5h. If the first word value not equal to 5AA5h then the
EEPROM loader proclaimed that no external EEPROM or external EEPROM is a non-programmed EEPROM.
Addr
Bits
D[15:8]
D[7:0]
Description
5h
[15:0]
BAh
98h
MAC address 6
th, 5th
4h
[15:0]
76h
54h
MAC address 4
th, 3rd
3h
[15:0]
32h
10h
MAC address 2
nd, 1st (multicast bit is 1st of bit_0)
[15:11]
No define
Always zero
Configure internal PHY in different ways, such as 10BASE_T
half-duplex mode. If EEPROM auto loader not found 5AA5h
pattern in first word then internal PHY will be not been manual
configuration. (Default is Auto-negotiation enable with all
capabilities)
[10:8]
Function
000
Auto-negotiation enable with all capabilities
001
Auto-negotiation with 100BASE-TX FDX / HDX
ability
010
Auto-negotiation with 10BASE-T FDX / HDX
ability
011
Reserved
100
Manual selection of 100BASE-TX FDX
101
Manual selection of 100BASE-TX HDX
110
Manual selection of 10BASE-T FDX
[10:8]
PHY_CONFIG
111
Manual selection of 10BASE-T HDX
[7:6]
No define
Always zero
[5]
IRQ_TYPE_EEP This bit will logic OR with BTCR (15h) bit-5 and will been
clear when host write BTCR. (Offset 15h)
[4]
IRQ_POL_EEP
This bit will logic OR with BTCR (15h) bit-4 and will been
clear when host write BTCR. (Offset 15h)
[3]
No define
Always zero
[2]
NE2000_PROM When set, AX88796B internal memory map of 1Ch ~ 1Fh will
be configured to 57h. An ASCII code “W”. Otherwise
configured to 42h. An ASCII code “B”.
2h
[1:0]
No define
Always zero
1h
[15:0]
00h
06h
Indicates the total of word counts for auto loading
0h
[15:0]
5Ah
A5h
Programmed pattern
Tab - 6 EEPROM data format example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com