Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88796BLF Datasheet(PDF) 39 Page - ASIX Electronics Corporation

Part # AX88796BLF
Description  Low-pin-count Non-PCI 8/16-bit 10/100M Fast Ethernet Controller
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88796BLF Datasheet(HTML) 39 Page - ASIX Electronics Corporation

Back Button AX88796BLF Datasheet HTML 35Page - ASIX Electronics Corporation AX88796BLF Datasheet HTML 36Page - ASIX Electronics Corporation AX88796BLF Datasheet HTML 37Page - ASIX Electronics Corporation AX88796BLF Datasheet HTML 38Page - ASIX Electronics Corporation AX88796BLF Datasheet HTML 39Page - ASIX Electronics Corporation AX88796BLF Datasheet HTML 40Page - ASIX Electronics Corporation AX88796BLF Datasheet HTML 41Page - ASIX Electronics Corporation AX88796BLF Datasheet HTML 42Page - ASIX Electronics Corporation AX88796BLF Datasheet HTML 43Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 82 page
background image
ASIX ELECTRONICS CORPORATION
39
AX88796BLF / AX88796BLI
5.1.18 Receive Configuration Register (RCR)
Page0 Offset 0CH (Write)
Field
Name
Description
7
-
Reserved
6
-
Reserved
5
MON
Monitor Mode
0: Normal Operation. (Default)
1: Monitor Mode, the input packet will be checked on NODE ADDRESS and CRC but not
buffered into memory.
4
PRO
PRO: Promiscuous Mode
Enable the receiver to accept all packets with a physical address.
3
AM
AM: Accept Multicast
Enable the receiver to accept packets with a multicast address. That multicast address must
pass the hashing array.
2
AB
AB: Accept Broadcast
Enable the receiver to accept broadcast packet.
1
AR
AR: Accept Runt
Enable the receiver to accept runt packet.
0
SEP
SEP: Save Error Packet
Enable the receiver to accept and save packets with error.
5.1.19 Receive Status Register (RSR)
Page0 Offset 0CH (Read)
Field
Name
Description (Default = 00h)
7
-
Reserved
6
DIS
Receiver Disabled
5
PHY
Multicast Address Received.
4
MPA
Missed Packet
3
-
Always Zero
2
FAE
Frame alignment error.
1
CR
CRC error.
0
PRX
Packet Received Intact



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com