Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88796BLF Datasheet(PDF) 51 Page - ASIX Electronics Corporation

Part # AX88796BLF
Description  Low-pin-count Non-PCI 8/16-bit 10/100M Fast Ethernet Controller
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88796BLF Datasheet(HTML) 51 Page - ASIX Electronics Corporation

Back Button AX88796BLF Datasheet HTML 47Page - ASIX Electronics Corporation AX88796BLF Datasheet HTML 48Page - ASIX Electronics Corporation AX88796BLF Datasheet HTML 49Page - ASIX Electronics Corporation AX88796BLF Datasheet HTML 50Page - ASIX Electronics Corporation AX88796BLF Datasheet HTML 51Page - ASIX Electronics Corporation AX88796BLF Datasheet HTML 52Page - ASIX Electronics Corporation AX88796BLF Datasheet HTML 53Page - ASIX Electronics Corporation AX88796BLF Datasheet HTML 54Page - ASIX Electronics Corporation AX88796BLF Datasheet HTML 55Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 82 page
background image
ASIX ELECTRONICS CORPORATION
51
AX88796BLF / AX88796BLI
5.1.71 Flow Control Register (FCR)
Offset 1AH (Read/Write)
Field
Name
Description (Default = 07h)
7
FLWC
Flow-control
0: Flow-control disable (Default)
1: Flow-control enable
6
BPEN
Back Pressure in half-duplex flow-control (AX88796B will ignore this bit when running at
full-duplex mode)
0: Back Pressure disable (Default)
1: Back Pressure enable
5:0
HWPC
High Water free Page Count. Default value is 7 (7 * 256 = 1792 bytes).
5.1.72 MAC Configure Register (MCR)
Offset 1BH (Read/Write)
Field
Name
Description
7
DUPX
MAC duplex mode setting
When read, this bit is indicates the real duplex setting in MAC operation.
0: half-duplex
1: full-duplex
When write, this duplex setting was wire or with TCR bit-7. Each one goes high then
configures MAC as full-duplex mode. AX88796B will ignore this bit and TCR bit-7 when
using internal PHY.
6
BPLE
Back-pressure leakage enable when continuous of collision N times.
N number is reference register 17H of Back-pressure Jam Limit count.
0: Allow flow-control leakage to avoid HUB port going partition state due to too many of
collision (Default)
1: No flow-control leakage
5
BBTC
Back-To-Back Transmission Control:
0: Disable (Default)
1: Enable Back-To-Back Transmission, Host can continue set TXP without check transmit
completed
Host can ignore Number of Collisions Register (NCR)
4
MPSEL
Media Select by Program
0: internal PHY is selected (Default)
1: external MII PHY is selected.
3
VLANE
VLAN enable
0: No supported VLAN frame tagged (Default)
1: Only accept Tag frames. AX88796 will reject packet if Tag x8100 and VID not match
whit setting by host. Null VID (VID = 0) is acceptable.
2
CPTEFF
Capture effect.
0: always write low (Default)
1: for MAC test only. Force first collision of back off is 2 slot-time and second collision of
back off is 0 slot time. Others as normal.
1
SPMAC
Super MAC.
0: always write low (Default)
1: for MAC test only. Back-off only 0 ~ 3 slot-time
0
ZEROBF Zero Back Off Time.
0: always write low (Default)
1: for MAC test only. Back Off Time always zeros.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com