Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88796BLF Datasheet(PDF) 57 Page - ASIX Electronics Corporation

Part # AX88796BLF
Description  Low-pin-count Non-PCI 8/16-bit 10/100M Fast Ethernet Controller
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88796BLF Datasheet(HTML) 57 Page - ASIX Electronics Corporation

Back Button AX88796BLF Datasheet HTML 53Page - ASIX Electronics Corporation AX88796BLF Datasheet HTML 54Page - ASIX Electronics Corporation AX88796BLF Datasheet HTML 55Page - ASIX Electronics Corporation AX88796BLF Datasheet HTML 56Page - ASIX Electronics Corporation AX88796BLF Datasheet HTML 57Page - ASIX Electronics Corporation AX88796BLF Datasheet HTML 58Page - ASIX Electronics Corporation AX88796BLF Datasheet HTML 59Page - ASIX Electronics Corporation AX88796BLF Datasheet HTML 60Page - ASIX Electronics Corporation AX88796BLF Datasheet HTML 61Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 82 page
background image
ASIX ELECTRONICS CORPORATION
57
AX88796BLF / AX88796BLI
5.2.5 MR5 – Autonegotiation Link Partner Ability (Base Page) Register
Field
Type
Description (Default = 0000h)
5.15
(LP_NEXT_PAGE)
0, RO
Link Partner Next Page.
1 = Link partner is next page able
0 = Link partner is not next page able
5.14 (LP_ACK)
0, RO
Link Partner Acknowledge.
1 = Link partner reception of data word acknowledged
0 = Not acknowledged
5.13
(LP_REM_FAULT)
0, RO
Remote Fault.
1 = Remote fault indicated by link partner
0 = No remote fault indicated by link partner
5.12:11 (RESERVED)
X, RO
Reserved.
Write as 0, read as “don’t care”
5.10 (LP_PAUSE)
0, RO
Pause.
1 = Pause operation is supported by link partner
0 = Pause operation is not supported by link partner
5.9 (LP_T4)
0, RO
Link Partner 100BASE-T4 supports.
1 = 100BASE-T4 is supported by link partner
0 = 100BASE-T4 is not supported by link partner
5.8 (LP_ TX_FD)
0, RO
100BASE-TX full-duplex support.
1 = 100BASE-TX full-duplex is supported by link partner
0 = 100BASE-TX full-duplex is not supported by link partner
5.7 (LP_ TX_HD)
0, RO
100BASE-TX half-duplex support.
1 = 100BASE-TX half-duplex is supported by link partner
0 = 100BASE-TX half-duplex is not supported by link partner
5.6 (LP_ 10_FD)
0, RO
10BASE-T full-duplex support.
1 = 10BASE-T full-duplex is supported by link partner
0 = 10BASE-T full-duplex is not supported by link partner
5.5 (LP_ 10_HD)
0, RO
10BASE-T half-duplex support.
1 = 10BASE-T half-duplex is supported by link partner
0 = 10BASE-T half-duplex is not supported by link partner
5.4:0 (LP_SELECT)
[0 0000],
RO
Selector Field.
Link partner’s binary encoded protocol selector



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com