Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88796BLF Datasheet(PDF) 48 Page - ASIX Electronics Corporation

Part # AX88796BLF
Description  Low-pin-count Non-PCI 8/16-bit 10/100M Fast Ethernet Controller
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88796BLF Datasheet(HTML) 48 Page - ASIX Electronics Corporation

Back Button AX88796BLF Datasheet HTML 44Page - ASIX Electronics Corporation AX88796BLF Datasheet HTML 45Page - ASIX Electronics Corporation AX88796BLF Datasheet HTML 46Page - ASIX Electronics Corporation AX88796BLF Datasheet HTML 47Page - ASIX Electronics Corporation AX88796BLF Datasheet HTML 48Page - ASIX Electronics Corporation AX88796BLF Datasheet HTML 49Page - ASIX Electronics Corporation AX88796BLF Datasheet HTML 50Page - ASIX Electronics Corporation AX88796BLF Datasheet HTML 51Page - ASIX Electronics Corporation AX88796BLF Datasheet HTML 52Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 82 page
background image
ASIX ELECTRONICS CORPORATION
48
AX88796BLF / AX88796BLI
5.1.61 Data Port (DP)
Offset 10H (Read/Write)
Field
Name
Description (Default = 00h)
15:8
DP
Data Port High byte
7:0
DP
Data Port Low byte
5.1.62 Inter-frame gap Segment 1(IFGS1)
Offset 12H (Read/Write)
Field
Name
Description (Default = 0Ch)
7
-
Reserved
6:0
IFGS1
Inter-frame Gap Segment 1.
5.1.63 Inter-frame gap Segment 2(IFGS2)
Offset 13H (Read/Write)
Field
Name
Description (Default = 12h)
7
-
Reserved
6:0
IFGS2
Inter-frame Gap Segment 2.
5.1.64 MII/EEPROM Management Register (MEMR)
Offset 14H (Read/Write)
Field
Name
Description (Default = 00h)
7
EECK
EECK
EEPROM Clock. It output to Pin-20
6
EEO
EEO: (Read only)
EEPROM Data Out value. It reflects Pin-19 EEDIO value.
5
EEI
EEI
EEPROM Data In. It output to Pin-19 EEDIO as EEPROM data input value.
4
EECS
EECS
EEPROM Chip Select. It output to Pin-21
3
MDO
MDO
MII Data Out. It connects to internal PHY of MDO.
2
MDI
MDI (Read only)
MII Data In. It connects to internal PHY of MDI.
1
DIR
Signal Direction: for both of SMI (MDIO) and EEPROM (EEDIO)
0: output direction, MDIO and EEDIO as push-pull drive out
1: input direction, MDIO and EEDIO as Z state for source from external signals
0
MDC
MDC
MII Clock. It connect to internal PHY of MDC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com