Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88796BLF Datasheet(PDF) 52 Page - ASIX Electronics Corporation

Part # AX88796BLF
Description  Low-pin-count Non-PCI 8/16-bit 10/100M Fast Ethernet Controller
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88796BLF Datasheet(HTML) 52 Page - ASIX Electronics Corporation

Back Button AX88796BLF Datasheet HTML 48Page - ASIX Electronics Corporation AX88796BLF Datasheet HTML 49Page - ASIX Electronics Corporation AX88796BLF Datasheet HTML 50Page - ASIX Electronics Corporation AX88796BLF Datasheet HTML 51Page - ASIX Electronics Corporation AX88796BLF Datasheet HTML 52Page - ASIX Electronics Corporation AX88796BLF Datasheet HTML 53Page - ASIX Electronics Corporation AX88796BLF Datasheet HTML 54Page - ASIX Electronics Corporation AX88796BLF Datasheet HTML 55Page - ASIX Electronics Corporation AX88796BLF Datasheet HTML 56Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 82 page
background image
ASIX ELECTRONICS CORPORATION
52
AX88796BLF / AX88796BLI
5.1.73 VLAN ID 0 Register (VIDR0)
Offset 1CH (Write)
Field
Name
Description
7:0
VIDR0
VLAN ID [7:0]
5.1.74 Current TX End Page Register (CTEPR)
Offset 1CH (Read)
Field
Name
Description (Default = 00h)
7
TXCQF
TX Command Queue full
When set, indicate the TX Command queue was full. Host must check this status before
queuing next transmit page and byte count.
6:0
CTEPR
AX88796B will update CTEPR (current TX end page)
After every transmitting completed without collision.
It is for Host to conform how many free page can reuse for next transmitting.
The value is from 40h to 7Fh. It will be 00h when reset or STP.
5.1.75 VLAN ID 1 Register (VIDR1)
Offset 1DH (Write)
Field
Name
Description
7:5
PRI
Frame’s priority
4
CFI
Canonical Address Frame Indicator
3:0
VIDR1
VLAN ID [11:8]
5.1.76 Big-Endian Register (BER)
Offset 1EH (Write)
Field
Name
Description (Default = 00h)
7:0
-
All zero, (Default): little-endian
If not all zero means set data byte order as big-endian mode.
Note: This mode can be used by 32-bit big-endian mode of processors operating with an
external 16-bit bus only.
5.1.77 Host Wake Up Register (HWUR)
Offset 1FH (Write)
Field
Name
Description
7:1
-
Reserved
0
HWAKE
(SC)
Host write one to wake up AX88796B from D2 power saving. It will be auto clear when
wake up.
5.1.78 Software Reset
Offset 1FH (Read)
Field
Name
Description
7:0
-
Don’t care this read value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com