Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88796BLF Datasheet(PDF) 49 Page - ASIX Electronics Corporation

Part # AX88796BLF
Description  Low-pin-count Non-PCI 8/16-bit 10/100M Fast Ethernet Controller
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88796BLF Datasheet(HTML) 49 Page - ASIX Electronics Corporation

Back Button AX88796BLF Datasheet HTML 45Page - ASIX Electronics Corporation AX88796BLF Datasheet HTML 46Page - ASIX Electronics Corporation AX88796BLF Datasheet HTML 47Page - ASIX Electronics Corporation AX88796BLF Datasheet HTML 48Page - ASIX Electronics Corporation AX88796BLF Datasheet HTML 49Page - ASIX Electronics Corporation AX88796BLF Datasheet HTML 50Page - ASIX Electronics Corporation AX88796BLF Datasheet HTML 51Page - ASIX Electronics Corporation AX88796BLF Datasheet HTML 52Page - ASIX Electronics Corporation AX88796BLF Datasheet HTML 53Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 82 page
background image
ASIX ELECTRONICS CORPORATION
49
AX88796BLF / AX88796BLI
5.1.65 I/O Buffer Type Configure Register (BTCR)
Offset 15H (Read/Write)
Field
Name
Description (Default = 00h)
7
-
Always write zero
6
PME_IQR_EN PME interrupt enable
0: PME interrupt disable (Default)
1: PME interrupt enable
5
IRQ_TYPE
Interrupt I/O Buffer Type
0: Enable IRQ to function as an open-drain buffer for use in a wired-OR interrupt
configuration. And ignored INTP field, the interrupt output is always active low.
(Default)
1: IRQ output is a Push-Pull driver
4
IRQ_POL
Interrupt Polarity
0: Low active (Default)
1: High active
3
-
Reserved
2
PME_IND
PME indication
0: A static signal active when detect wake-up event. (Default)
1: A 60ms pulse active when detect wake-up event.
1
PME_TYPE
PME I/O Type. When cleared, PME_POL is ignored, and the output is always active
low.
0: PME to function as an open-grain buffer for use in a wired-or configuration.
(Default)
1: PME output is a Push-Pull driver.
0
PME_POL
PME Polarity.
0: PME active Low (Default)
1: PME active high (ignore when PME_TYPE is low)
MPEN (CR page3 offset 0Ah)
ENB
PME
logic
PME_POL (offset 15h)
PME_TYPE (offset 15h)
WUEN (CR page3 offset 0Ah)
Magic Packet Detect event
Wakeup Frame Detect event
ENB
logic
IREQ
IRQ_TYPE (offset 15h)
IRQ_POL (offset 15h)
System interrupt event
PME_IRQ_EN (offset 15h)
IRQ_TYPE (from EEPROM)
IRQ_POL (from EEPROM)
PME_IND (offset 15h)
60ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com