Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88796BLF Datasheet(PDF) 46 Page - ASIX Electronics Corporation

Part # AX88796BLF
Description  Low-pin-count Non-PCI 8/16-bit 10/100M Fast Ethernet Controller
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88796BLF Datasheet(HTML) 46 Page - ASIX Electronics Corporation

Back Button AX88796BLF Datasheet HTML 42Page - ASIX Electronics Corporation AX88796BLF Datasheet HTML 43Page - ASIX Electronics Corporation AX88796BLF Datasheet HTML 44Page - ASIX Electronics Corporation AX88796BLF Datasheet HTML 45Page - ASIX Electronics Corporation AX88796BLF Datasheet HTML 46Page - ASIX Electronics Corporation AX88796BLF Datasheet HTML 47Page - ASIX Electronics Corporation AX88796BLF Datasheet HTML 48Page - ASIX Electronics Corporation AX88796BLF Datasheet HTML 49Page - ASIX Electronics Corporation AX88796BLF Datasheet HTML 50Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 82 page
background image
ASIX ELECTRONICS CORPORATION
46
AX88796BLF / AX88796BLI
5.1.52 Wakeup Frame Offset (WFOFST)
Page3 Offset 07H (Read/Write)
Field
Name
Description (Default = 00h)
7:0
WF0OFST Byte mask Offset for wake-up frame filter 0. Host continue write 4 times to completed
32-bits of Byte Mask 3, 2, 1, 0 Offset. The unit is 16-bit. (2bytes)
15:8
WF1OFST Byte mask Offset for wake-up frame filter 1.
23:16
WF2OFST Byte mask Offset for wake-up frame filter 2.
31:24
WF3OFST Byte mask Offset for wake-up frame filter 3.
5.1.53 Wakeup Frame Last Byte (WFLB)
Page3 Offset 08H (Read/Write)
Field
Name
Description (Default = 00h)
7:0
WFLB0
Mask Last Byte for wake-up frame filter 0. Host continue write 4 times to completed
32-bits of Last Byte of 3, 2, 1, 0 filter.
15:8
WFLB1
Mask Last Byte for wake-up frame filter 1.
23:16
WFLB2
Mask Last Byte for wake-up frame filter 2.
31:24
WFLB3
Mask Last Byte for wake-up frame filter 3.
5.1.54 Wakeup Frame Command (WFCMD)
Page3 Offset 09H (Read/Write)
Field
Name
Description (Default = 00h)
3:0
WFCMD0 Byte Mask Command for wake-up frame filter 0. Host continue write 4 times to completed
32-bits of Byte Mask Command of 3, 2, 1, 0 filter and Mask cascade commend.
Bit0: wake-up frame filter enable
Bit1: destination match enable
Bit2: Multicast match enable
Bit3: Reserved
7:4
WFCMD1 Byte Mask Command for wake-up frame filter 1.
11:8
WFCMD2 Byte Mask Command for wake-up frame filter 2.
15:12
WFCMD3 Byte Mask Command for wake-up frame filter 3.
19:16
WFCSCD
Byte Mask Cascade Command for wake-up frame filter
Bit-0: cascade wake-up filter 1 and 0
Bit-1: cascade wake-up filter 2 and 1
Bit-2: cascade wake-up filter 3 and 2
31:18
-
Reserved. Always zero.
5.1.55 Wakeup Control and Status Register (WUCSR)
Page3 Offset 0AH (Read/Write)
Field
Name
Description (Default = 00h)
7
-
Reserved
6
LSC
Link status change event flag. This bit will be clear when Host write PMR or set this bit.
5
WUFR
Wake-up Frame Received event flag. This bit will be clear when Host write PMR or set
this bit.
4
MPR
Magic Packet Received event flag. This bit will be clear when Host write PMR or set this
bit.
3
-
Reserved
2
LSCWE
Link status change wakeup enable
0: disable (Default)
1: enable
1
WUEN
Wake-up frame enable
0: disable (Default)
1: enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com