Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88796BLF Datasheet(PDF) 31 Page - ASIX Electronics Corporation

Part # AX88796BLF
Description  Low-pin-count Non-PCI 8/16-bit 10/100M Fast Ethernet Controller
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88796BLF Datasheet(HTML) 31 Page - ASIX Electronics Corporation

Back Button AX88796BLF Datasheet HTML 27Page - ASIX Electronics Corporation AX88796BLF Datasheet HTML 28Page - ASIX Electronics Corporation AX88796BLF Datasheet HTML 29Page - ASIX Electronics Corporation AX88796BLF Datasheet HTML 30Page - ASIX Electronics Corporation AX88796BLF Datasheet HTML 31Page - ASIX Electronics Corporation AX88796BLF Datasheet HTML 32Page - ASIX Electronics Corporation AX88796BLF Datasheet HTML 33Page - ASIX Electronics Corporation AX88796BLF Datasheet HTML 34Page - ASIX Electronics Corporation AX88796BLF Datasheet HTML 35Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 82 page
background image
ASIX ELECTRONICS CORPORATION
31
AX88796BLF / AX88796BLI
PAGE 0 (PS1=0,PS0=0)
Offset
Read
Write
00H
Command Register (CR)
Command Register (CR)
01H
Rx Page Start Register (PSTART)
Page Start Register (PSTART)
02H
Rx Page Stop Register (PSTOP)
Page Stop Register (PSTOP)
03H
Boundary Pointer (BNRY)
Boundary Pointer (BNRY)
04H
Transmit Status Register (TSR)
Transmit Page Start Address (TPSR)
05H
Number of Collisions Register (NCR)
Transmit Byte Count Register 0 (TBCR0)
06H
Current Page Register (CPR)
Transmit Byte Count Register 1 (TBCR1)
07H
Interrupt Status Register (ISR)
Interrupt Status Register (ISR)
08H
Current Remote DMA Address 0 (CRDA0)
Remote Start Address Register 0 (RSAR0)
09H
Current Remote DMA Address 1 (CRDA1)
Remote Start Address Register 1 (RSAR1)
0AH
Reserved
Remote Byte Count 0 (RBCR0)
0BH
Reserved
Remote Byte Count 1 (RBCR1)
0CH
Receive Status Register (RSR)
Receive Configuration Register (RCR)
0DH
Frame Alignment Error Tally Register
(CNTR0)
Transmit Configuration Register (TCR)
0EH
CRC Error Tally Register (CNTR1)
Data Configuration Register (DCR)
0FH
Frames Lost Tally Register (CNTR2)
Interrupt Mask Register (IMR)
11H, 10H Data Port (DP)
Data Port (DP)
12H
Inter-frame Gap Segment 1 (IFGS1)
Inter-frame Gap Segment 1 (IFGS1)
13H
Inter-frame Gap Segment 2 (IFGS2)
Inter-frame Gap Segment 2 (IFGS2)
14H
MII/EEPROM Access
MII/EEPROM Access
15H
Buffer Type Configure Register (BTCR)
Buffer Type Configure Register (BTCR)
16H
Inter-frame Gap (IFG)
Inter-frame Gap (IFG)
17H
Device Status Register (DSR)
Back-pressure Jam Limit count (BJLC)
18H
Max Frame Size [7:0]
Max Frame Size [7:0]
19H
Max Frame Size [11:8]
Max Frame Size [11:8]
1AH
Flow Control Register (FCR)
Flow Control Register (FCR)
1BH
MAC Configure Register (MCR)
MAC Configure Register (MCR)
1CH
Current TX End Page Register (CTEPR)
VLAN_ID_0
1DH
Reserved
VLAN_ID_1
1EH
Reserved
Big-Endian Register (BER)
1FH
Software Reset
Host Wake up (HWAKE)
Tab - 13 Page 0 of MAC Core Registers Mapping



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com