Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88796BLF Datasheet(PDF) 76 Page - ASIX Electronics Corporation

Part # AX88796BLF
Description  Low-pin-count Non-PCI 8/16-bit 10/100M Fast Ethernet Controller
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88796BLF Datasheet(HTML) 76 Page - ASIX Electronics Corporation

Back Button AX88796BLF Datasheet HTML 72Page - ASIX Electronics Corporation AX88796BLF Datasheet HTML 73Page - ASIX Electronics Corporation AX88796BLF Datasheet HTML 74Page - ASIX Electronics Corporation AX88796BLF Datasheet HTML 75Page - ASIX Electronics Corporation AX88796BLF Datasheet HTML 76Page - ASIX Electronics Corporation AX88796BLF Datasheet HTML 77Page - ASIX Electronics Corporation AX88796BLF Datasheet HTML 78Page - ASIX Electronics Corporation AX88796BLF Datasheet HTML 79Page - ASIX Electronics Corporation AX88796BLF Datasheet HTML 80Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 82 page
background image
ASIX ELECTRONICS CORPORATION
76
AX88796BLF / AX88796BLI
Appendix A3: 186-like (16-bit)
An example, AX88796B’s bus setting as 186 mode. (One external pull-up resister connect to EECK)
Read
Write
Host Addr
A[5:0]
SD[15:8]
SD[7:0]
AX88796B
CSR Offset
Host Addr
A[5:0]
SD[15:8]
SD[7:0]
AX88796B
CSR Offset
0
Offset 1
Offset 0
0
0
no effect
To Offset 0
0
1
Offset 1
Offset 0
1
1
To Offset 1
no effect
1
2
Offset 3
Offset 2
2
2
no effect
To Offset 2
2
3
Offset 3
Offset 2
3
3
To Offset 3
no effect
3
4
Offset 5
Offset 4
4
4
no effect
To Offset 4
4
5
Offset 5
Offset 4
5
5
To Offset 5
no effect
5
6
Offset 7
Offset 6
6
6
no effect
To Offset 6
6
7
Offset 7
Offset 6
7
7
To Offset 7
no effect
7
8
Offset 9
Offset 8
8
8
no effect
To Offset 8
8
9
Offset 9
Offset 8
9
9
To Offset 9
no effect
9
A
Offset B
Offset A
A
A
no effect
To Offset A
A
B
Offset B
Offset A
B
B
To Offset B
no effect
B
C
Offset D
Offset C
C
C
no effect
To Offset C
C
D
Offset D
Offset C
D
D
To Offset D
no effect
D
E
Offset F
Offset E
E
E
no effect
To Offset E
E
F
Offset F
Offset E
F
F
To Offset F
no effect
F
10
(DP)
(DP)
(DP)
10
(DP)
(DP)
(DP)
11
X
X
X
11
X
X
X
12
Offset 13
Offset 12
12
12
no effect
To Offset 12
12
13
Offset 13
Offset 12
13
13
To Offset 13
no effect
13
14
Offset 15
Offset 14
14
14
no effect
To Offset 14
14
15
Offset 15
Offset 14
15
15
To Offset 15
no effect
15
16
Offset 17
Offset 16
16
16
no effect
To Offset 16
16
17
Offset 17
Offset 16
17
17
To Offset 17
no effect
17
18
Offset 19
Offset 18
18
18
no effect
To Offset 18
18
19
Offset 19
Offset 18
19
19
To Offset 19
no effect
19
1A
Offset 1B
Offset 1A
1A
1A
no effect
To Offset 1A 1A
1B
Offset 1B
Offset 1A
1B
1B
To Offset 1B no effect
1B
1C
Offset 1D
Offset 1C
1C
1C
no effect
To Offset 1C 1C
1D
Offset 1D
Offset 1C
1D
1D
To Offset 1D no effect
1D
1E
No effect
Offset 1E
1E
1E
no effect
To Offset 1E 1E
1F
(Reset) *1
(Reset) *1
1F
1F
To Offset 1F no effect
1F
*1 Read offset 1Fh register will reset AX88796B
SA0
SA1
SA2
SA3
SA4
SA5/FIFO_SEL
AEN/PSEN
SD[15:0]
RDn
WRn
IRQ
A0
A1
A2
A3
A4
A5
DATA[15:0]
RDn
WRn
INT
16-bit processor
AX88796B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com