Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88796BLF Datasheet(PDF) 65 Page - ASIX Electronics Corporation

Part # AX88796BLF
Description  Low-pin-count Non-PCI 8/16-bit 10/100M Fast Ethernet Controller
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88796BLF Datasheet(HTML) 65 Page - ASIX Electronics Corporation

Back Button AX88796BLF Datasheet HTML 61Page - ASIX Electronics Corporation AX88796BLF Datasheet HTML 62Page - ASIX Electronics Corporation AX88796BLF Datasheet HTML 63Page - ASIX Electronics Corporation AX88796BLF Datasheet HTML 64Page - ASIX Electronics Corporation AX88796BLF Datasheet HTML 65Page - ASIX Electronics Corporation AX88796BLF Datasheet HTML 66Page - ASIX Electronics Corporation AX88796BLF Datasheet HTML 67Page - ASIX Electronics Corporation AX88796BLF Datasheet HTML 68Page - ASIX Electronics Corporation AX88796BLF Datasheet HTML 69Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 82 page
background image
ASIX ELECTRONICS CORPORATION
65
AX88796BLF / AX88796BLI
7.4.2 ISA Bus Access Timing
(1) Read cycle:
Tof fis16
Tonis16
Tdoff
Tdoh
Tdv
Tdon
Tcycle
Trdh
Trdh
Trdl
Tah
Tcycle
Trdl
Tasu
AEN, CSn, SA[5:0]
RDn
SD[15:0]
IOIS16n
Symbol
Description
Min
Typ.
Max
Units
Tasu
ADDRESS SETUP TIME
0
-
-
ns
Tah
ADDRESS HOLD TIME
0
-
-
ns
Tonis16
IOIS16n VALID FROM SA[5:0], CSn AND AEN
-
-
11
ns
Toffis16
IOIS16n VALID FROM SA[5:0], CSn AND AEN
-
-
6
ns
Tdv
DATA VALID TIME FROM RDn
-
-
33*
1
35*
2
ns
Tdoh
DATA OUTPUT HOLD TIME
0
-
-
ns
Trdl
RDn LOW REQUIRE TIME
35
-
-
ns
Trdh
RDn HI REQUIRE TIME
13
-
-
ns
Tdon
DATA BUFFER TURN ON TIME
0
ns
Tdoff
DATA BUFFER TURN OFF TIME
7
ns
Tcycle
READ CYCLE TIME
48
ns
*
1 : Base on SD bus output load 25pF
*
2 : Base on SD bus output load 50pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com