Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88796BLF Datasheet(PDF) 56 Page - ASIX Electronics Corporation

Part # AX88796BLF
Description  Low-pin-count Non-PCI 8/16-bit 10/100M Fast Ethernet Controller
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88796BLF Datasheet(HTML) 56 Page - ASIX Electronics Corporation

Back Button AX88796BLF Datasheet HTML 52Page - ASIX Electronics Corporation AX88796BLF Datasheet HTML 53Page - ASIX Electronics Corporation AX88796BLF Datasheet HTML 54Page - ASIX Electronics Corporation AX88796BLF Datasheet HTML 55Page - ASIX Electronics Corporation AX88796BLF Datasheet HTML 56Page - ASIX Electronics Corporation AX88796BLF Datasheet HTML 57Page - ASIX Electronics Corporation AX88796BLF Datasheet HTML 58Page - ASIX Electronics Corporation AX88796BLF Datasheet HTML 59Page - ASIX Electronics Corporation AX88796BLF Datasheet HTML 60Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 82 page
background image
ASIX ELECTRONICS CORPORATION
56
AX88796BLF / AX88796BLI
5.2.3 MR2 -- Identification 1 Registers
Field
Type
Description (Default = 003Bh)
2.15:0 (OUI[3:18])
RO
Organizationally Unique Identifier. The third through the twenty-fourth
bit of the OUI assigned to the PHY manufacturer by the IEEE are to be
placed in bits. 2.15:0 and 3.15:10.
5.2.3 MR3 – Identification 2 Registers
Field
Type
Description (Default = 1841h)
3.15:10 (OUI[19:24])
RO
Organizationally Unique Identifier. The remaining 6 bits of the OUI.
3.9:4 (MODEL[5:0])
RO
Model Number. 6-bit model number of the device.
3.3:0 (VERSION[3:0])
RO
Revision Number. The value of the present revision number
5.2.4 MR4 – Autonegotiation Advertisement Register
Field
Type
Description (Default = 01E1h)
4.15 (NEXT_PAGE)
0, RO / PS Next Page.
0 = No next page available
AX88796B does not support the next page function.
4.14 (ACK)
0, RO
Acknowledge.
1 = Link partner ability data reception acknowledged
0 = Not acknowledged
4.13 (REM_FAULT)
0, RW
Remote Fault.
1= Fault condition detected and advertised
0 = No fault detected
4.12:11 (RESERVED)
X, RW
Reserved.
Write as 0, read as “don’t care”
4.10 (PAUSE)
0, RW
Pause.
1 = Pause operation is enabled for full-duplex links
0 = Pause operation is not enabled
4.9 (100BASET4)
0, RO / PS 100Base-T4.
0 = 100BASE-T4 is not supported
4.8 (100BASET_FD)
1, RW
100Base-TX Full Duplex.
1 = 100BASE-TX full-duplex is supported by this device
0 = 100BASE-TX full-duplex is not supported by this device
4.7 (100BASETX)
1, RW
100Base-TX Half Duplex.
1 = 100BASE-TX half-duplex is supported by this device
0 = 100BASE-TX half-duplex is not supported by this device
4.6 (10BASET_FD)
R/W
10Base-T Full Duplex.
1 = 10BASE-T full-duplex is supported by this PHY
0 = 10BASE-T full-duplex is not supported by this PHY
4.5 (10BASET)
R/W
10Base-T Half Duplex.
1 = 10BASE-T half-duplex is supported by this PHY
0 = 10BASE-T half-duplex is not supported by this PHY
4.4:0 (SELECT)
[0 0001],
RW
Selector Field. Reset with the value 00001 for IEEE 802.3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com