Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88796BLF Datasheet(PDF) 55 Page - ASIX Electronics Corporation

Part # AX88796BLF
Description  Low-pin-count Non-PCI 8/16-bit 10/100M Fast Ethernet Controller
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88796BLF Datasheet(HTML) 55 Page - ASIX Electronics Corporation

Back Button AX88796BLF Datasheet HTML 51Page - ASIX Electronics Corporation AX88796BLF Datasheet HTML 52Page - ASIX Electronics Corporation AX88796BLF Datasheet HTML 53Page - ASIX Electronics Corporation AX88796BLF Datasheet HTML 54Page - ASIX Electronics Corporation AX88796BLF Datasheet HTML 55Page - ASIX Electronics Corporation AX88796BLF Datasheet HTML 56Page - ASIX Electronics Corporation AX88796BLF Datasheet HTML 57Page - ASIX Electronics Corporation AX88796BLF Datasheet HTML 58Page - ASIX Electronics Corporation AX88796BLF Datasheet HTML 59Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 82 page
background image
ASIX ELECTRONICS CORPORATION
55
AX88796BLF / AX88796BLI
5.2.2 MR1 -- Status Register Bit Descriptions
Field
Type
Description (Default = 7809h)
1.15 (T4ABLE)
0, RO / PS 100Base-T4 Ability. This bit will always be a 0.
0 = AX88796B is not able to perform in 100BASE-T4 mode
1.14 (TXFULDUP)
1, RO /PS 100Base-TX Full-Duplex Ability.
1 = AX88796B is able to perform in 100BASE-TX full duplex mode
1.13 (TXHAFDUP)
1, RO / PS 100Base-TX Half-Duplex Ability.
1 = AX88796B is able to perform in 100BASE-TX half duplex mode
1.12 (ENFULDUP)
1, RO / PS 10Base-T Full-Duplex Ability.
1 = AX88796B is able to perform in 10BASE-T full duplex mode
1.11 (ENHAFDUP)
1, RO / PS 10Base-T Half-Duplex Ability.
1 = AX88796B is able to perform in 10BASE-T half duplex mode
1.10:7 (RESERVED)
0, RO
Reserved.
Write as 0, read as “don’t care”
1.6 (MF preamble
suppression)
0, RO
Management frame preamble suppression:
0 = AX88796B will not accept management frames with preamble
suppressed.
1.5 (NWAYDONE)
0, RO
Autonegotiation Complete.
1= Auto negotiation process complete
0 = Auto negotiation process not complete
1.4 (REM_FLT)
0, RO / LH Remote Fault.
1 = Remote fault condition detected (cleared on read or by a chip reset)
0 = No remote fault condition detected
1.3 (NWAYABLE)
1, RO / PS Autonegotiation Ability.
1 = AX88796B is able to perform auto-negotiation
1.2 (LSTAT_OK)
0, RO / LL Link Status.
1 = Valid link established (100Mb/s or 10Mb/s operation)
0 = Link not established
1.1 (JABBER)
0, RO / LH Jabber Detect.
1 = Jabber condition detected
0 = No Jabber condition detected
1.0 (EXT_ABLE)
1, RO / PS Extended Capability.
1 = Extended register capable
0 = Basic register capable only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com