Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88796BLF Datasheet(PDF) 7 Page - ASIX Electronics Corporation

Part # AX88796BLF
Description  Low-pin-count Non-PCI 8/16-bit 10/100M Fast Ethernet Controller
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88796BLF Datasheet(HTML) 7 Page - ASIX Electronics Corporation

Back Button AX88796BLF Datasheet HTML 3Page - ASIX Electronics Corporation AX88796BLF Datasheet HTML 4Page - ASIX Electronics Corporation AX88796BLF Datasheet HTML 5Page - ASIX Electronics Corporation AX88796BLF Datasheet HTML 6Page - ASIX Electronics Corporation AX88796BLF Datasheet HTML 7Page - ASIX Electronics Corporation AX88796BLF Datasheet HTML 8Page - ASIX Electronics Corporation AX88796BLF Datasheet HTML 9Page - ASIX Electronics Corporation AX88796BLF Datasheet HTML 10Page - ASIX Electronics Corporation AX88796BLF Datasheet HTML 11Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 82 page
background image
ASIX ELECTRONICS CORPORATION
7
AX88796BLF / AX88796BLI
PME
O5/T5/8m
22
Wakeup Indicator: When programmed to do so, is asserted when the
AX88696B detects a wake event and is requesting the system to wake
up from the D1 sleep state. The polarity and buffer type of this signal
is programmable by BTCR (offset 15h)
Tab - 1 Local CPU bus interface signals group
2.2 10/100Mbps Twisted-Pair Interface pins group
Signal
Type
Pin No.
Description
TPI+
AB
3
Twisted Pair Receive Input, Positive
TPI-
AB
4
Twisted Pair Receive Input, Negative
TPO+
AB
6
Twisted Pair Transmit Output, Positive
TPO-
AB
7
Twisted Pair Transmit Output, Negative
RSET_BG
AO
64
Off-chip resister. Must be connected 12.1K ohm ± 1% to ground.
Tab - 2 10/100Mbps Twisted-Pair Interfaces pins group
2.3 Built-in PHY LED indicator pins group
Signal
Type
Pin No.
Description
I_FULL/COL
O5/8m
16
Full-Duplex/Collision Status. If this signal is low, it indicates
full-duplex link established, and if it is high, then the link is in
half-duplex mode. When in half-duplex and collision occurrence, the
output will be driven low for 80ms and driven high at minimum 80ms.
I_SPEED
O5/8m
15
Speed Status: If this signal is low, it indicates 100Mbps, and if it is
high, then the speed is 10Mbps.
I_LK/ACT
O5/8m
14
Link Status/Active: If this signal is low, it indicates link, and if it is
high, then the link is fail. When in link status and line activity
occurrence, this signal is pulsed high (LED off) for 80ms whenever
transmit or receive activity is detected. This signal is then driven low
again for a minimum of 80ms, after which time it will repeat the
process if TX or RX activity is detected.
Tab - 3 Built-in PHY LED indicator pins group
2.4 EEPROM Signals Group
Signal
Type
Pin No.
Description
EECS
B5/4m/PD
21
EEPROM Chip Select: EEPROM chip select signal.
EEPROM Clock: Signal connected to EEPROM clock pin.
EECS, EECK can load BUS type setting during power on reset cycle.
EECS
EECK
BUS TYPE
0
0
ISA BUS / SRAM-Like
0
1
80186
1
0
Reserved
EECK
B5/4m/PD
20
1
1
MCS-51 (805X)
EEDIO
B5/4m/PU
19
EEPROM Data In/Out: Signal connected to EEPROM data input and
data output pin.
Tab - 4 EEPROM bus interface signals group



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com