Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88796BLF Datasheet(PDF) 63 Page - ASIX Electronics Corporation

Part # AX88796BLF
Description  Low-pin-count Non-PCI 8/16-bit 10/100M Fast Ethernet Controller
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88796BLF Datasheet(HTML) 63 Page - ASIX Electronics Corporation

Back Button AX88796BLF Datasheet HTML 59Page - ASIX Electronics Corporation AX88796BLF Datasheet HTML 60Page - ASIX Electronics Corporation AX88796BLF Datasheet HTML 61Page - ASIX Electronics Corporation AX88796BLF Datasheet HTML 62Page - ASIX Electronics Corporation AX88796BLF Datasheet HTML 63Page - ASIX Electronics Corporation AX88796BLF Datasheet HTML 64Page - ASIX Electronics Corporation AX88796BLF Datasheet HTML 65Page - ASIX Electronics Corporation AX88796BLF Datasheet HTML 66Page - ASIX Electronics Corporation AX88796BLF Datasheet HTML 67Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 82 page
background image
ASIX ELECTRONICS CORPORATION
63
AX88796BLF / AX88796BLI
7.3.2 Power Consumption
Device only
Power measurements base on 3.3V/25 °C condition.
Item
Symbol
Operating at
10BASE-T
Operating at
100BASE-T
X
PHY power
down
D2 power
saving
Units
1
VCC3IO
10
10
8
0.04
mA
2
VCC3A3
20
20
16
0
mA
3
VCC3R3 (include VCCK,
VCC18A)
20
88
17
0.2
mA
50
118
41
0.24
mA
4
VCC3IO + VCC3A3 + VCC3R3
165
390
135
0.8
mW
Device and system components
This is the total of Ethernet connectivity solution, which includes external components supporting the AX88796B
Ethernet controller as shown in the schematic as below.
Power measurements base on 3.3V/25 °C condition.
Item
Test Conditions
Total Power
(Typical)
Units
1
10BASE-T operation
462
mW
2
100BASE-TX operation
495
mW
3
Cable unplug and non power saving mode
587
mW
4
D1 power saving mode at 10BASE-T Link
448
mW
5
D1 power saving mode at 100BASE-TX Link
468
mW
6
PHY power down
140
mW
7
D2 power saving mode
0.9
mW
C15
0.1uF
RESETN
RESETN
C13
0.1uF
SD[0..15]
+
C12
22uF/16V
SA[0..5]
C1
C2
U2
93C46
CS
1
SK
2
DI
3
DO
4
GND
5
NC
6
NC
7
VCC
8
R13
4.7K
R12
4.7K
VCC33
SA0
C7
0.1uF
C17
1uF
R7
49.9
R2
330
R10
49.9
R1
4.7K
R5
1M
R8
49.9
R11
1M
C23
0.1uF
D1
GREEN LED
GND
VCC33
VCC33
GND
Y1
25.000MHZ
C3
0.1uF
D2
YELLOW LED
R4
330
J1
HEADER 1
C16
0.1uF
R9
49.9
D3
ORANGE LED
R3
330
R6
12.1K 1%
C24
0.1uF
CON1
LU1S041X
TX+
1
TX-
2
CT
3
NC
4
NC
5
NC
6
RX+
7
RX-
8
VCC33
VCC3A
VCC33
C14
0.1uF
WAKE UP
Option
C21
0.1uF
TPO+
SD10
TPI-
TPO-
TPI+
SD11
Place C8,C9 close to Pin 9:V18F
Place C10,C11 close to Pin 10: VCC3R3
SD12
SD13
SD14
SD15
GND
PME
IRQ
VCC33
VCC18
EECS
EECK
EEDIO
RESETN
GND
SA1
XIN
VCC33
GND
VCC18
GND
XOUT
L2
F.B.
VCC18A
LINK
FULL
SPEED
C27
0.1uF
C25
0.1uF
C26
0.1uF
VCC18
C28
10uF 10V
C22
0.1uF
VCC18A
C8
10uF 10V
C9
0.1uF
RDN
C20
0.1uF
WRN
C19
0.1uF
EEDIO
EECK
EECS
EEDIO
C18
0.1uF
C10
10uF 10V
C11
0.1uF
ASIX
AX88796B
U1
AX88796B
SA1
49
SA0
50
AEN,PSEN
51
CSn
52
RDn
53
WRn
54
IOIS16
55
TCLK
56
TEST_CK_EN
57
GND
58
VCCK
59
VCC18A
60
XTALIN
61
XTALOUT
62
GND18A
63
RSET_BG
64
SD10
32
SD11
31
SD12
30
SD13
29
SD14
28
SD15
27
GND
26
VCC3IO
25
VCCK
24
IRQ
23
PME
22
EECS
21
EECK
20
EEDIO
19
GND
18
RSTn
17
L1
F.B.
VCC3A
C6
0.1uF
VCC33
C4
0.1uF
C5
10uF 10V
CSN
VCC18
PME
IRQ
PME
IRQ
RDN
CSN
WRN
AEN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com