Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88796BLF Datasheet(PDF) 36 Page - ASIX Electronics Corporation

Part # AX88796BLF
Description  Low-pin-count Non-PCI 8/16-bit 10/100M Fast Ethernet Controller
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88796BLF Datasheet(HTML) 36 Page - ASIX Electronics Corporation

Back Button AX88796BLF Datasheet HTML 32Page - ASIX Electronics Corporation AX88796BLF Datasheet HTML 33Page - ASIX Electronics Corporation AX88796BLF Datasheet HTML 34Page - ASIX Electronics Corporation AX88796BLF Datasheet HTML 35Page - ASIX Electronics Corporation AX88796BLF Datasheet HTML 36Page - ASIX Electronics Corporation AX88796BLF Datasheet HTML 37Page - ASIX Electronics Corporation AX88796BLF Datasheet HTML 38Page - ASIX Electronics Corporation AX88796BLF Datasheet HTML 39Page - ASIX Electronics Corporation AX88796BLF Datasheet HTML 40Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 82 page
background image
ASIX ELECTRONICS CORPORATION
36
AX88796BLF / AX88796BLI
5.1.2 Rx Page Start Register (PSTART)
Page0 Offset 01H (Read/Write)
Field
Name
Description (Default = 00h)
7:0
PSTART Receive Buffer Ring Page Start Register
5.1.3 Rx Page Stop Register (PSTOP)
Page0 Offset 02H (Read/Write)
Field
Name
Description (Default = 00h)
7:0
PSTOP
Receive Buffer Ring Page Stop Register
5.1.4 Boundary Pointer (BNRY)
Page0 Offset 03H (Read/Write)
Field
Name
Description (Default = 4Ch)
7:0
BNRY
Boundary Page Pointer
5.1.5 Transmit Page Start Address (TPSR)
Page0 Offset 04H (Write)
Field
Name
Description
7:0
TPSR
Transmit Page Start Address
5.1.6 Transmit Status Register (TSR)
Page0 Offset 04H (Read)
Field
Name
Description (Default = 00h)
7
OWC
Out of window collision
6:4
-
Reserved
3
ABT
Transmit Aborted
Indicates the AX88796 aborted transmission because of excessive collision.
2
COL
Transmit Collided
Indicates that the transmission collided at least once with another station on the network.
1
-
Reserved
0
PTX
Packet Transmitted
Indicates transmission without error.
5.1.7 Transmit Byte Count Register (TBCR0)
Page0 Offset 05H (Write)
Field
Name
Description
7:0
TBCR0
Transmit Byte Count Register. The bit assignment is shown below



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com