Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88796BLF Datasheet(PDF) 8 Page - ASIX Electronics Corporation

Part # AX88796BLF
Description  Low-pin-count Non-PCI 8/16-bit 10/100M Fast Ethernet Controller
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88796BLF Datasheet(HTML) 8 Page - ASIX Electronics Corporation

Back Button AX88796BLF Datasheet HTML 4Page - ASIX Electronics Corporation AX88796BLF Datasheet HTML 5Page - ASIX Electronics Corporation AX88796BLF Datasheet HTML 6Page - ASIX Electronics Corporation AX88796BLF Datasheet HTML 7Page - ASIX Electronics Corporation AX88796BLF Datasheet HTML 8Page - ASIX Electronics Corporation AX88796BLF Datasheet HTML 9Page - ASIX Electronics Corporation AX88796BLF Datasheet HTML 10Page - ASIX Electronics Corporation AX88796BLF Datasheet HTML 11Page - ASIX Electronics Corporation AX88796BLF Datasheet HTML 12Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 82 page
background image
ASIX ELECTRONICS CORPORATION
8
AX88796BLF / AX88796BLI
2.5 Miscellaneous pins group
Signal
Type
Pin No.
Description
XTALIN
I
61
Crystal/Oscillator Input: A 25Mhz crystal, +/- 50 PPM can be
connected across XTALIN and XTALOUT.
CMOS Local Clock: A 25Mhz clock, +/- 50 PPM, 40%-60% duty
cycle. Note that the pin does not support 3.3V or 5V voltage supply.
XTALOUT
O
62
Crystal/Oscillator Output: A 25Mhz crystal, +/- 50 PPM can be
connected across XTALIN and XTALOUT. If a single-ended external
clock (LCLK) is connected to XTALIN, the crystal output pin should
be left floating.
RSTn
I5/S
17
Reset:
Reset is active low then place AX88796B into reset mode. During the
rising edge the AX88796B loads the power on setting data.
TCLK
I5/PD
56
Test Clock Pins: As a clock input for ASIC testing only
No connection when normal operation
TCLK_EN
I5/PD/S
57
Enable TCLK in to ASIC as a main clock for test only.
No connection when normal operation
TEST2
I5/S
12
TEST mode select
Connect to ground when normal operation
TEST1
I5/S
13
TEST mode select
Connect to ground when normal operation
VCC3A3
P
1
Power Supply for Analog Circuit: +3.3V DC.
GND3A3
P
2
Power Supply for Analog Circuit: +0V DC or Ground Power.
VCC18A
P
5, 60
Analog power for oscillator, PLL, and Ethernet PHY differential I/O
pins, 1.8V
GND18A
P
8, 63
Analog ground for oscillator, PLL, and Ethernet PHY differential I/O
pins.
V18F
P
9
On-chip 3.3V to 1.8V Regulator output +1.8V DC.
VCC3R3
P
10
On-chip 3.3V to 1.8V Regulator power supply: +3.3V DC.
GND3R3
P
11
On-chip 3.3V to 1.8V Regulator ground.
GND
P
18, 26, 58
Ground.
VCC3IO
P
25, 44
Power Supply for IO: +3.3V DC.
VCCK
P
24, 43, 59
Power Supply for core logic: +1.8V DC.
Tab - 5 miscellaneous pins group



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com