Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88796BLF Datasheet(PDF) 33 Page - ASIX Electronics Corporation

Part # AX88796BLF
Description  Low-pin-count Non-PCI 8/16-bit 10/100M Fast Ethernet Controller
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88796BLF Datasheet(HTML) 33 Page - ASIX Electronics Corporation

Back Button AX88796BLF Datasheet HTML 29Page - ASIX Electronics Corporation AX88796BLF Datasheet HTML 30Page - ASIX Electronics Corporation AX88796BLF Datasheet HTML 31Page - ASIX Electronics Corporation AX88796BLF Datasheet HTML 32Page - ASIX Electronics Corporation AX88796BLF Datasheet HTML 33Page - ASIX Electronics Corporation AX88796BLF Datasheet HTML 34Page - ASIX Electronics Corporation AX88796BLF Datasheet HTML 35Page - ASIX Electronics Corporation AX88796BLF Datasheet HTML 36Page - ASIX Electronics Corporation AX88796BLF Datasheet HTML 37Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 82 page
background image
ASIX ELECTRONICS CORPORATION
33
AX88796BLF / AX88796BLI
PAGE 2 (PS1=1,PS0=0)
Offset
Read
Write
01H
Reserved
Reserved
02H
Reserved
Reserved
03H
Reserved
Reserved
04H
Reserved
Reserved
05H
Reserved
Reserved
06H
Reserved
Reserved
07H
Reserved
Reserved
08H
Reserved
Reserved
09H
Reserved
Reserved
0AH
Total Receive Buffer Free Page (TFP)
Reserved
0BH
Chip version (00h)
Reserved
0CH
Receive Configuration Register (RCR)
Reserved
0DH
Transmit Configuration Register (TCR) Reserved
0EH
Data Configuration Register (DCR)
Reserved
0FH
Interrupt Mask Register (IMR)
Reserved
Tab - 15 Page 2 of MAC Core Registers Mapping



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com