Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88796BLF Datasheet(PDF) 1 Page - ASIX Electronics Corporation

Part # AX88796BLF
Description  Low-pin-count Non-PCI 8/16-bit 10/100M Fast Ethernet Controller
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88796BLF Datasheet(HTML) 1 Page - ASIX Electronics Corporation

  AX88796BLF Datasheet HTML 1Page - ASIX Electronics Corporation AX88796BLF Datasheet HTML 2Page - ASIX Electronics Corporation AX88796BLF Datasheet HTML 3Page - ASIX Electronics Corporation AX88796BLF Datasheet HTML 4Page - ASIX Electronics Corporation AX88796BLF Datasheet HTML 5Page - ASIX Electronics Corporation AX88796BLF Datasheet HTML 6Page - ASIX Electronics Corporation AX88796BLF Datasheet HTML 7Page - ASIX Electronics Corporation AX88796BLF Datasheet HTML 8Page - ASIX Electronics Corporation AX88796BLF Datasheet HTML 9Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 82 page
background image
ASIX ELECTRONICS CORPORATION
First Released Date : 2006 / 03 / 01
4F, NO.8, HSIN ANN Rd., Science-based Industrial Park, Hsin-Chu City, Taiwan, R.O.C.
TEL: 886-3-579-9500
FAX: 886-3-579-9558
http://www.asix.com.tw
AX88796BLF / AX88796BLI
Low-pin-count Non-PCI 8/16-bit
10/100M Fast Ethernet Controller
Features
Document No.: AX88796B_17/08/18/07
High-performance non-PCI local bus
Support both 8 bit and 16 bit local CPU interfaces
include MCS-51 series, 80186 series CPU and ISA
bus
SRAM-like host interface, easily interfaced to most
common embedded MCUs
Embed 8Kx16 bits SRAM for packet buffers
Support Slave-DMA to minimize CPU overhead
Support burst-mode read for highest performance
applications
Interrupt pin with programmable Hold-off timer
Single-chip Fast Ethernet controller
Compatible with IEEE802.3, 802.3u standards
Integrate Fast Ethernet MAC/PHY transceiver in
one chip
Support 10Mbps and 100Mbps data rate
Support full and half duplex operations
Support
10/100Mbps
N-way
Auto-negotiation
operation
Support twisted pair crossover detection and
auto-correction (HP Auto-MDIX)
Support IEEE 802.3x flow control for full-duplex
operation
Support back-pressure flow control for half-duplex
operation
Support VLAN match filter
Support Wake-on-LAN function to reduce power by
following events
Detection of a change in the network link state
Receipt of a Magic Packet
Receipt of a MS wakeup frame
NE2000 register level compatible instruction
Detection performance can be enhanced with only a
minor host driver modification from original
NE2000 driver
Support EEPROM interface to store MAC address
(Optional)
Support up to 2 (out) /1 (in/out) General Purpose pins
Support LED pins for various network activity
indications
Integrate voltage regulator and 25MHz crystal
oscillator
0.18um CMOS process. 3.3V power supply with 5V
tolerance I/O pins
64-pin LQFP , RoHS package
Operate over 0 to +70
°C or -40 to +85 °C temperature
range
US patent approved (NO 6799231)
Product description
The AX88796B is a low-pin-count (64-pin LQFP) non-PCI Ethernet controller for the Embedded and Industrial Ethernet
applications. The AX88796B supports 8/16-bit SRAM-like host interface, providing a glue-less connection to most
common embedded MCUs. The AX88796B integrates on-chip Fast Ethernet MAC and PHY, which is IEEE802.3
10Base-T and IEEE802.3u 100Base-TX compatible, and 8Kx16 bits embedded SRAM for packet buffering to
accommodate high bandwidth applications. The AX88796B has a wide array of features including support for Twisted
Pair Crossover Detection and Auto-Correction, Wake-on-LAN power management, and IEEE 802.3x and back-pressure
flow control. The AX88796B supports two operating temperature ranges, namely, commercial grade from 0 to 70
°C and
industrial grade from –40 to 85
°C. The small form factor of 64-pin LQFP package helps reduce the overall PCB space.
The programming of AX88796B is simple and compatible with NE2000, so the users don’t need any modification and
can easily port the software drivers to many embedded systems very quickly. Combining these features with ASIX’s free
TCP/IP software stack for 8-bit microcontrollers, AX88796B provides the best Ethernet solution for embedded
networking applications.
System Block Diagram
Always contact ASIX for possible updates before starting a design.
This data sheet contains new products information. ASIX ELECTRONICS reserves the rights to modify product specification without notice. No
liability is assumed as a result of the use of this product. No rights under any patent accompany the sale of the product.
AX88796B
With
10/100 Mbps
PHY
8bit / 16bit
Non-PCI bus
51 series
/
186 bus
series
/
ISA bus
General
processor
AX88796B
With
10/100 Mbps
PHY
Interrupt
Address
CSn
RDn / WRn
Data Bus


Similar Part No. - AX88796BLF

ManufacturerPart #DatasheetDescription
logo
ASIX Electronics Corpor...
AX88796 ASIX-AX88796 Datasheet
931Kb / 71P
3-in-1 Local Bus Fast Ethernet Controller
AX88796ALF ASIX-AX88796ALF Datasheet
1Mb / 68P
10/100BASE 3-in-1 Local CPU Bus Fast Ethernet Controller with Embedded SRAM
06/25/2013
AX88796C ASIX-AX88796C Datasheet
101Kb / 2P
Low-Power SPI or Non-PCI Ethernet Controller
AX88796L ASIX-AX88796L Datasheet
931Kb / 71P
3-in-1 Local Bus Fast Ethernet Controller
AX88796LF ASIX-AX88796LF Datasheet
931Kb / 71P
3-in-1 Local Bus Fast Ethernet Controller
More results

Similar Description - AX88796BLF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DM8108 ETC1-DM8108 Datasheet
371Kb / 35P
8 port 10/100M Fast Ethernet Switching Controller
logo
ASIX Electronics Corpor...
AX88780 ASIX-AX88780 Datasheet
2Mb / 49P
High-Performance Non-PCI Single-Chip 32-bit 10/100M Fast Ethernet Controller
AX88780 ASIX-AX88780_07 Datasheet
453Kb / 55P
High-Performance Non-PCI Single-Chip 32-bit 10/100M Fast Ethernet Controller
AX88196BLF ASIX-AX88196BLF Datasheet
636Kb / 86P
Low-pin-count Non-PCI 8/16-bit 10/100M Fast Ethernet Controller with MII Interface
logo
Davicom Semiconductor, ...
DM9620 DAVICOM-DM9620 Datasheet
455Kb / 71P
USB2.0 to 10/100M Fast Ethernet Controller
DM9620I DAVICOM-DM9620I Datasheet
447Kb / 71P
USB2.0 to 10/100M Fast Ethernet Controller
DM9620I DAVICOM-DM9620I_1 Datasheet
57Kb / 2P
USB2.0 to 10/100M Fast Ethernet Controller
DM9621 DAVICOM-DM9621 Datasheet
476Kb / 66P
USB2.0 to 10/100M Fast Ethernet Controller
DM9620AEP DAVICOM-DM9620AEP Datasheet
58Kb / 2P
USB2.0 to 10/100M Fast Ethernet Controller
DM9621ANP DAVICOM-DM9621ANP Datasheet
58Kb / 2P
USB2.0 to 10/100M Fast Ethernet Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com