Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4382ABCCZ Datasheet(PDF) 26 Page - Analog Devices

Part # ADF4382ABCCZ
Description  Microwave Wideband Synthesizer with Integrated VCO
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4382ABCCZ Datasheet(HTML) 26 Page - Analog Devices

Back Button ADF4382ABCCZ Datasheet HTML 22Page - Analog Devices ADF4382ABCCZ Datasheet HTML 23Page - Analog Devices ADF4382ABCCZ Datasheet HTML 24Page - Analog Devices ADF4382ABCCZ Datasheet HTML 25Page - Analog Devices ADF4382ABCCZ Datasheet HTML 26Page - Analog Devices ADF4382ABCCZ Datasheet HTML 27Page - Analog Devices ADF4382ABCCZ Datasheet HTML 28Page - Analog Devices ADF4382ABCCZ Datasheet HTML 29Page - Analog Devices ADF4382ABCCZ Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 82 page
background image
Data Sheet
ADF4382A
THEORY OF OPERATION
analog.com
Rev. A | 26 of 82
window time (tLDWIN) for a valid lock condition with the LDWIN_PW
bit field (Register 0x02, Bits[7:5]).
Table 17. LDWIN_PW Programming
LDWIN_PW [7:5] Mode of Operation
000
Integer mode, 500 MHz maximum PFD with bleed ≤ 85 ps
001
Integer mode, 500 MHz maximum PFD with bleed > 85 ps
010
Fractional mode, 250 MHz maximum PFD, RFOUT ≥ 6.4 GHz
011
Fractional mode, 250 MHz maximum PFD, RFOUT ≥ 5 GHz
100
Fractional PLL, 200 MHz maximum PFD, RFOUT ≥ 4 GHz
101
Fractional PLL, 100 MHz maximum PFD, RFOUT ≥ 2 GHz
110
Fractional PLL, 50 MHz maximum PFD, RFOUT ≥ 1 GHz
111
Fractional PLL, 40 MHz maximum PFD, RFOUT ≥ 800 MHz
MUXOUT
The state of the MUXOUT pin is determined by the MUXOUT bits
(Register 0x02E, Bits[7:4]), which allow the user access to various
internal nodes. The MUXOUT pin and MUXOUT bits are commonly
used as an additional lock status output or to debug PLL-related
issues during the hardware and software development phase of a
project. The CMOS_OV bit (Register 0x03D, Bit 5) determines if
the logic high level for the MUXOUT pin, LKDET pin, SDO pin, and
SDIO pin is 3.3 V or 1.8 V.
Figure 49. MUXOUT
Temperature Sensor
The temperature sensor is composed of an 8-bit ADC, which
measures the proportional to absolute temperature (PTAT) voltage
with respect to the reference voltage (VREF) of a bandgap. The
purpose of the temperature sensor is to measure changes in the
die temperature and not the absolute junction temperature. The
maximum ADC clock frequency is 400 kHz. The ADC clock is
generated from the RCLK.
Figure 50. Temperature Sensor
Before an ADC measurement can occur, program the registers of
the ADF4382A as shown in Table 18.
Table 18. ADC Register Setup
Bit Fields
Value
EN_DRCLK, EN_DNCLK,
EN_ADC_CNV
1
ADC_ST_CNV, EN_ADC,
EN_ADC_CLK
1
PD_ADC
0
After the bits in Table 18 are programmed, start an ADC conversion
with a register write to Register 0x054 setting ADC_ST_CNV =
1. An ADC conversion requires 17 clock cycles to complete. In
Register 0x058, Bit 2, the ADC_BUSY bit monitors the conversion
status. During a conversion, ADC_BUSY is set to 1, and when the
conversion is complete, ADC_BUSY is set to 0. Measurements are
recorded in the CHIP_TEMP bit field, Bits[8:0], in Register 0x05B
and Register 0x05C. The value read back represents the junction
temperature in degrees celsius. The MSB (Bit 8) indicates positive
or negative temperature i.e. when Bit 8 = 1, the temperature read
back is negative.
Double Buffering
Double buffering refers to a main and subordinate configuration for
the bit fields shown in Table 19.
Only the subordinate bit fields control the actual state of the
ADF4382A. When double buffering is enabled for a bit field, the
serial interface only writes to the main bit field. The subordinate
bit field retains its previous value until a register write is sent to
Register 0x010. After writing to Register 0x010, all the main bit
fields are automatically loaded to their respective subordinate bit
fields. Writing to Register 0x010 also starts the autocalibration of
the VCO (see the Standard Power-Up and Initialization Sequence,
Automatic VCO Calibration section), which allows the user to up-
date several bit fields that change the output frequency of the
ADF4382A and starts a new VCO calibration on the same register
write. When double buffering is disabled, the SPI writes directly to
the subordinate bit field.
Table 19. Double Buffer Enabled Bit Fields
Double Buffer Enabled Bits
Double Buffered Bit Fields
Not applicable, always enabled
N_INT, R_DIV, EN_RDBLR, CP_I
RFOUTODIV_DB
RFOUT_DIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com