Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4382ABCCZ Datasheet(PDF) 51 Page - Analog Devices

Part # ADF4382ABCCZ
Description  Microwave Wideband Synthesizer with Integrated VCO
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4382ABCCZ Datasheet(HTML) 51 Page - Analog Devices

Back Button ADF4382ABCCZ Datasheet HTML 47Page - Analog Devices ADF4382ABCCZ Datasheet HTML 48Page - Analog Devices ADF4382ABCCZ Datasheet HTML 49Page - Analog Devices ADF4382ABCCZ Datasheet HTML 50Page - Analog Devices ADF4382ABCCZ Datasheet HTML 51Page - Analog Devices ADF4382ABCCZ Datasheet HTML 52Page - Analog Devices ADF4382ABCCZ Datasheet HTML 53Page - Analog Devices ADF4382ABCCZ Datasheet HTML 54Page - Analog Devices ADF4382ABCCZ Datasheet HTML 55Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 82 page
background image
Data Sheet
ADF4382A
REGISTER MAP
analog.com
Rev. A | 51 of 82
Table 52. Bit Descriptions for REG001F (Continued)
Bits
Bit Name
Description
Reset
Access
1010: 4.77 mA.
1011: 5.57 mA.
1100: 6.33 mA.
1101: 7.91 mA.
1110: 9.51 mA.
1111: 11.1 mA.
Address: 0x020, Reset: 0x01, Name: REG0020
Table 53. Bit Descriptions for REG0020
Bits
Bit Name
Description
Reset
Access
7
EN_AUTOCAL
Enable VCO Calibration.
0x0
R/W
0: VCO calibration disabled.
1: VCO calibration enabled.
6
EN_RDBLR
Enable Reference Doubler.
0x0
R/W
0: doubler disabled.
1: doubler enabled.
[5:0]
R_DIV
6-Bit Reference Frequency Divider.
0x1
R/W
Address: 0x021, Reset: 0x00, Name: REG0021
Table 54. Bit Descriptions for REG0021
Bits
Bit Name
Description
Reset
Access
[7:0]
PHASE_WORD[7:0]
24 Bits Phase Word.
0x0
R/W
Address: 0x022, Reset: 0x00, Name: REG0022
Table 55. Bit Descriptions for REG0022
Bits
Bit Name
Description
Reset
Access
[7:0]
PHASE_WORD[15:8]
24 Bits Phase Word.
0x0
R/W
Address: 0x023, Reset: 0x00, Name: REG0023
Table 56. Bit Descriptions for REG0023
Bits
Bit Name
Description
Reset
Access
[7:0]
PHASE_WORD[23:16]
24 Bits Phase Word.
0x0
R/W
Address: 0x024, Reset: 0x00, Name: REG0024
Table 57. Bit Descriptions for REG0024
Bits
Bit Name
Description
Reset
Access
7
REF_CK_FALL
Timing from rising or falling edge of PFD RCLK. Phase Synchronization Settings table.
0x0
R/W
0: DRCLK is timed off of the rising edge of the PFD RCLK.
1: DRCLK is timed off of the falling edge of the PFD RCLK.
[6:5]
REF_DC_SEL
Sets the polarity of the RDIV output before the re-time. See Phase Synchronization Settings table.
0x0
R/W
00: never invert (standard mode).
01: always invert.
10: automatically keep high duty cycle between 50% and 67%.
11: automatically keep high duty cycle between 33% and 50%.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com