Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4382ABCCZ Datasheet(PDF) 36 Page - Analog Devices

Part # ADF4382ABCCZ
Description  Microwave Wideband Synthesizer with Integrated VCO
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4382ABCCZ Datasheet(HTML) 36 Page - Analog Devices

Back Button ADF4382ABCCZ Datasheet HTML 32Page - Analog Devices ADF4382ABCCZ Datasheet HTML 33Page - Analog Devices ADF4382ABCCZ Datasheet HTML 34Page - Analog Devices ADF4382ABCCZ Datasheet HTML 35Page - Analog Devices ADF4382ABCCZ Datasheet HTML 36Page - Analog Devices ADF4382ABCCZ Datasheet HTML 37Page - Analog Devices ADF4382ABCCZ Datasheet HTML 38Page - Analog Devices ADF4382ABCCZ Datasheet HTML 39Page - Analog Devices ADF4382ABCCZ Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 82 page
background image
Data Sheet
ADF4382A
APPLICATIONS INFORMATION
analog.com
Rev. A | 36 of 82
Figure 69. DC-Coupled 3.3 V Single-Ended Logic to LVDS Input (Set
SYNC_SEL = 1)
OUTPUT PHASE NOISE CHARACTERISTICS
In-Band Output Phase Noise
Use the following equations to calculate the in-band phase noise
floor (LOUT) produced at fOUT:
LOUT = 
LNORM+10×log10fPFD +20×log10 fOUTfPFD (49)
or
LOUT = LNORM+10×log10fPFD +20
×log10 NO
(50)
Output Phase Noise Due to 1/f Noise
In-band phase noise at low offset frequencies can be influenced
by the 1/f noise of the ADF4382A depending on the fPFD. Use the
normalized in-band 1/f noise (L1/f) of −287 dBc/Hz to approximate
the output 1/f phase noise at a given frequency offset (fOFFSET) as
follows:
LOUT1/f = L1/f+20×log10fOUT −10
×log10fOFFSET
(51)
Unlike the in-band noise floor (LOUT), the 1/f noise (LOUT(1/f)) does
not change with fPFD and is not constant over offset frequency. For
an example of in-band phase noise for fPFD equal to 100 MHz and
500 MHz for integer mode, see Figure 70. The total phase noise
is the summation of LOUT and LOUT(1/f) calculated by the following
formula:
LOUTTOTAL= 
10×log1010LOUT/10+10LOUT1/f/10 (52)
Figure 70. Theoretical In-Band Phase Noise, fOUT = 10 GHz
OUTPUT PHASE SYNCHRONIZATION OF
MULTIPLE ADF4382A DEVICES
To synchronize multiple ADF4382A devices, use one of the follow-
ing two methods:
►
EZSyncTM method, which uses SPI register writes for synchroni-
zation
►
Timed synchronization method , which uses the SYNCx pin on
the ADF4382A for synchronization
EZSync Method
The EZSync synchronization method allows synchronization of the
output phases of multiple devices without the need for a separate
synchronization signal, which has the advantage of reducing PCB
layout complexity in systems using multiple ADF4382A devices.
EZSync relies on sending a synchronization request through the
SPI interface by setting SW_SYNC = 1 instead of the SYNC pin.
The problem with sending the request over SPI are that the SPI is
a slow protocol and does not have any time accuracy. Sending the
request in the same reference period is also another challenge and
not possible for a huge number of ADF4382A devices used. With
EZSync, these problems are solved by starting and stopping the
DC-coupled reference signal glitchlessly, which removes the setup
and hold time concern with sending a request through the SPI.
The reference signals must stop and start accurately and without
any glitch or without any runt pulse. The clock generation and
distribution devices from Analog Devices, such as the HMC7044B,
are recommended as these devices are compatible with EZSync.
The following steps outline the procedure to perform an EZSync
with two ADF4382A devices (assumes the hardward is set up as
per Figure 71)
1. Set up the HMC7044B for EZSync configuration as follows:
a. Set the channel that is used as a reference to the
ADF4382A to dynamic mode. e.g. for channel 0 set register
0x00C8 to 0xFF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com