Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4382ABCCZ Datasheet(PDF) 28 Page - Analog Devices

Part # ADF4382ABCCZ
Description  Microwave Wideband Synthesizer with Integrated VCO
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4382ABCCZ Datasheet(HTML) 28 Page - Analog Devices

Back Button ADF4382ABCCZ Datasheet HTML 24Page - Analog Devices ADF4382ABCCZ Datasheet HTML 25Page - Analog Devices ADF4382ABCCZ Datasheet HTML 26Page - Analog Devices ADF4382ABCCZ Datasheet HTML 27Page - Analog Devices ADF4382ABCCZ Datasheet HTML 28Page - Analog Devices ADF4382ABCCZ Datasheet HTML 29Page - Analog Devices ADF4382ABCCZ Datasheet HTML 30Page - Analog Devices ADF4382ABCCZ Datasheet HTML 31Page - Analog Devices ADF4382ABCCZ Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 82 page
background image
Data Sheet
ADF4382A
THEORY OF OPERATION
analog.com
Rev. A | 28 of 82
Figure 55. VCO Calibration Block
The following calibration timeout bit fields must be programmed for
autocalibration:
►
CAL_VTUNE_TO: At the beginning of the calibration, VTUNE
is precharged to a nominal voltage, which is dependent on the
temperature of operation. CAL_VTUNE_TO sets the precharge
time as follows:
CAL
_VTUNE_TO = Ceiling 
CAL
_VTUNE_TO Time × fPFD
2DCLK_DIV1
(36)
The largest value capacitor in the loop filter directly affects
the time taken to precharge to VTUNE. Refer to the Calibra-
tion Time Performance Consideration section to calculate the
CAL_VTUNE_TO time required. This time is used as the Target
VTUNE Calibration Timeout.
►
CAL_COUNT_TO: This is used to calculate the target band de-
cision timeout. During autocalibration, there are nine band deci-
sions to be made to select the final band of operation for the se-
lected frequency. CAL_COUNT_TO is used to program the time
taken for each band decision. This time affects the calibration
accuracy. See Table 21 for the recommended CAL_COUNT_TO
time. Use the following equation to set the decision time of each
band:
CAL
_COUNT_TO = Ceiling
CAL_COUNT_TO Time ×
 fPFD
2DCLK_DIV1×16
(37)
►
CAL_VCO_TO: This bit field is used to set the target VCO
frequency settling timeout after each band decision. As per Table
21 the recommended CAL_VCO_TO time is 1μs. To set this
time, use the following equation:
CAL
_VCO_TO = Ceiling
CAL_VCO_TO Time × fPFD
2DCLK_DIV1
(38)
To perform a VCO calibration, set up the following several registers
as outlined in the following procedure:
1. Set DCLK_DIV1 and DCLK_MODE to the values listed in Table
20 and record fDIV_RCLK for later use.
2. Calculate and set the minimum required values for
CAL_VTUNE_TO, CAL_VCO_TO, and CAL_COUNT_TO as
per their corresponding formulas previously described in this
section.
3. Set the N_INT, RFOUT_DIV, and R_DIV bits and the
EN_RDBLR bit by programming Register 0x010 last. Any writes
to Register 0x010 start the VCO autocalibration.
4. Monitor the ADC_BUSY bit and FSM_BUSY bit (Register
0x058, Bit 2 and Bit 3, respectively). The calibration is finished
when ADC_BUSY transitions from high to low, followed with
FSM_BUSY transitioning from high to low.
5. After the VCO calibration is complete, disable the calibra-
tion clocks to limit unwanted spurious content by setting
EN_DRCLK = EN_DNCLK = 0.
Table 20. DCLK_DIV1 and DCLK_MODE Setup
fPFD (MHz)
DCLK_DIV1
DCLK_MODE
fDIV_RCLK (MHz)
≤11
0
0
fFPD
>11 and ≤160
0
1
fFPD/2
>160 and ≤320
1
1
fPFD/4
>320
2
1
fPFD/8
Total Autocalibration Time
Use each of the calibration timeout values to calculate the total
autocalibration time as follows:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com