Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4382ABCCZ Datasheet(PDF) 58 Page - Analog Devices

Part # ADF4382ABCCZ
Description  Microwave Wideband Synthesizer with Integrated VCO
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4382ABCCZ Datasheet(HTML) 58 Page - Analog Devices

Back Button ADF4382ABCCZ Datasheet HTML 54Page - Analog Devices ADF4382ABCCZ Datasheet HTML 55Page - Analog Devices ADF4382ABCCZ Datasheet HTML 56Page - Analog Devices ADF4382ABCCZ Datasheet HTML 57Page - Analog Devices ADF4382ABCCZ Datasheet HTML 58Page - Analog Devices ADF4382ABCCZ Datasheet HTML 59Page - Analog Devices ADF4382ABCCZ Datasheet HTML 60Page - Analog Devices ADF4382ABCCZ Datasheet HTML 61Page - Analog Devices ADF4382ABCCZ Datasheet HTML 62Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 82 page
background image
Data Sheet
ADF4382A
REGISTER MAP
analog.com
Rev. A | 58 of 82
Table 83. Bit Descriptions for REG003E
Bits
Bit Name
Description
Reset
Access
[7:0]
ADC_CLK_DIV
ADC Clock Frequency = (DIV_RCLK Frequency)/((ADC_CLK_DIV × 4) + 2).
0x0
R/W
Address: 0x03F, Reset: 0x00, Name: REG003F
Table 84. Bit Descriptions for REG003F
Bits
Bit Name
Description
Reset
Access
7
EN_ADC_CNV
Enable ADC Conversion.
0x0
R/W
6
REG3F_RSV6
Reserved. ADF4382A register map provides reserved register settings.
0x0
R/W
5
REG3F_RSV5
Reserved. ADF4382A register map provides reserved register settings.
0x0
R/W
4
REG3F_RSV4
Reserved. ADF4382A register map provides reserved register settings.
0x0
R/W
3
REG3F_RSV3
Reserved. ADF4382A register map provides reserved register settings.
0x0
R/W
2
REG3F_RSV2
Reserved. ADF4382A register map provides reserved register settings.
0x0
R/W
1
EN_ADC
Enable ADC.
0x0
R/W
0: ADC disabled.
1: ADC enabled.
0
REG3F_RSV0
Reserved. ADF4382A register map provides reserved register settings.
0x0
R/W
Address: 0x040, Reset: 0x00, Name: REG0040
Table 85. Bit Descriptions for REG0040
Bits
Bit Name
Description
Reset
Access
7
REG40_RSV7
Reserved. ADF4382A register map provides reserved register settings.
0x0
R/W
6
REG40_RSV6
Reserved. ADF4382A register map provides reserved register settings.
0x0
R/W
[5:3]
MUTE_RFOUT2
Mute Control for RFOUT2 Buffer. See the Mute RF Output section.
0x0
R/W
[2:0]
MUTE_RFOUT1
Mute Control for RFOUT1 Buffer. See the Mute RF Output section.
0x0
R/W
Address: 0x041, Reset: 0x00, Name: REG0041
Table 86. Bit Descriptions for REG0041
Bits
Bit Name
Description
Reset
Access
[7:5]
REG41_RSV5
Reserved. ADF4382A register map provides reserved register settings.
0x0
R/W
4
REG41_RSV4
Reserved. ADF4382A register map provides reserved register settings.
0x0
R/W
3
REG41_RSV3
Reserved. ADF4382A register map provides reserved register settings.
0x0
R/W
2
REG41_RSV2
Reserved. ADF4382A register map provides reserved register settings.
0x0
R/W
1
REG41_RSV1
Reserved. ADF4382A register map provides reserved register settings.
0x0
R/W
0
REG41_RSV0
Reserved. ADF4382A register map provides reserved register settings.
0x0
R/W
Address: 0x042, Reset: 0x00, Name: REG0042
Table 87. Bit Descriptions for REG0042
Bits
Bit Name
Description
Reset
Access
[7:0]
REG42_RSV0
Reserved. ADF4382A register map provides reserved register settings.
0x0
R/W
Address: 0x043, Reset: 0x00, Name: REG0043
Table 88. Bit Descriptions for REG0043
Bits
Bit Name
Description
Reset
Access
[7:0]
REG43_RSV0
Reserved. ADF4382A register map provides reserved register settings.
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com