Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4382ABCCZ Datasheet(PDF) 11 Page - Analog Devices

Part # ADF4382ABCCZ
Description  Microwave Wideband Synthesizer with Integrated VCO
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4382ABCCZ Datasheet(HTML) 11 Page - Analog Devices

Back Button ADF4382ABCCZ Datasheet HTML 7Page - Analog Devices ADF4382ABCCZ Datasheet HTML 8Page - Analog Devices ADF4382ABCCZ Datasheet HTML 9Page - Analog Devices ADF4382ABCCZ Datasheet HTML 10Page - Analog Devices ADF4382ABCCZ Datasheet HTML 11Page - Analog Devices ADF4382ABCCZ Datasheet HTML 12Page - Analog Devices ADF4382ABCCZ Datasheet HTML 13Page - Analog Devices ADF4382ABCCZ Datasheet HTML 14Page - Analog Devices ADF4382ABCCZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 82 page
background image
Data Sheet
ADF4382A
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
analog.com
Rev. A | 11 of 82
Figure 6. Pin Configuration
Table 6. Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 2, 4, 10, 12, 14, 16, 18, 19,
21, 23, 25, 26, 41, 48
GND
Negative Power Supply (Ground). Tie the GND pins directly to the ground pad.
3
V3_NDIV
3.15 V to 3.45 V Positive Power Supply Pin for the PLL Feedback Divider Circuitry. Short the V3_NDIV pin to the
other pins in the 3.3 V Power Supply Group 1.
5
V3_VCOB
3.15 V to 3.45 V Positive Power Supply Pin for the Bias Circuitry and Digital Logic Control Portion of the VCO.
Short the V3_VCOB pin to the other pins in the 3.3 V Power Supply Group 2.
6
VG_BIAS
Bias Decoupling Pin. Connect uninstalled 0402, 0.1 μF capacitor footprint to GND.
7
VTUNE
VCO Tuning Input. This frequency control pin is normally connected to the external loop filter.
8
V5_CAL
4.75 V to 5.25 V Positive Power Supply Pin for VCO Calibration Circuitry. The V5_CAL pin can be shorted to the
V5_VCO supply plane.
9
V5_VCO
4.75 V to 5.25 V Positive Power Supply Pin for the VCO Circuitry.
11
V3_OUTDIV
3.15 V to 3.45 V Positive Power Supply Pin for the Output Divider Circuitry. Short the V3_OUTDIV pin to the other
pins in the 3.3 V Power Supply Group 2.
13
V3_RFOUT2
3.15 V to 3.45 V Positive Power Supply Pin for the RFOUT 2 Buffer Circuitry. Short the V3_RFOUT2 pin to the
other pins in the 3.3 V Power Supply Group 2.
15, 17
RFOUT2N, RFOUT2P
RF Output 2 Output Signal. The VCO output divider is buffered and presented differentially on the RFOUT2N and
RFOUT2P pins. The outputs have a 50 Ω (typical) output resistance per side (100 Ω differential). The far end
of the transmission line is typically terminated with 100 Ω connected across the outputs. The output amplitude is
programmable via the serial port.
20, 22
RFOUT1N, RFOUT1P
RF Output 1 Output Signal. The VCO output divider is buffered and presented differentially on the RFOUT1N and
REFOUT1P pins. The outputs have 50 Ω (typical) output resistance per side (100 Ω differential). The far end of
the transmission line is typically terminated with 100 Ω connected across the outputs. The output amplitude is
programmable via the serial port.
24
V3_RFOUT1
3.15 V to 3.45 V Positive Power Supply Pin for the RFOUT 1 Buffer Circuitry. Short the V3_RFOUT1 pin to the
other pins in the 3.3 V Power Supply Group 2.
27
LKDET
PLL Lock Detect. This output presents the lock status of the PLL. The PLL is locked when LKDET is a logic high.
28
DELADJ
Delay Adjust Input Signal. Logic 0 ensures that the delay of the RF output signal is reduced after DELSTR is
asserted. Logic 1 ensures that the delay of the RF output signal is increased after DELSTR is asserted.
29
DELSTR
Delay Strobe Input Signal. A rising edge on this signal indicates that an adjustment is needed. The adjustment is
then made on the falling edge.
30
V3_LS
3.15 V to 3.45 V Positive Power Supply Pin for the Internal Level Shift Circuitry. Short the V3_LS pin to the other
pins in the 3.3 V Power Supply Group 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com