Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4382ABCCZ Datasheet(PDF) 6 Page - Analog Devices

Part # ADF4382ABCCZ
Description  Microwave Wideband Synthesizer with Integrated VCO
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4382ABCCZ Datasheet(HTML) 6 Page - Analog Devices

Back Button ADF4382ABCCZ Datasheet HTML 2Page - Analog Devices ADF4382ABCCZ Datasheet HTML 3Page - Analog Devices ADF4382ABCCZ Datasheet HTML 4Page - Analog Devices ADF4382ABCCZ Datasheet HTML 5Page - Analog Devices ADF4382ABCCZ Datasheet HTML 6Page - Analog Devices ADF4382ABCCZ Datasheet HTML 7Page - Analog Devices ADF4382ABCCZ Datasheet HTML 8Page - Analog Devices ADF4382ABCCZ Datasheet HTML 9Page - Analog Devices ADF4382ABCCZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 82 page
background image
Data Sheet
ADF4382A
SPECIFICATIONS
analog.com
Rev. A | 6 of 82
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
LOGIC OUTPUTS (SDIO, SDO, LKDET, and
MUXOUT)
Output High Voltage (1.8 V Mode)
VOH-1.8V
1.5
1.8
2
V
Output high current (IOH) = 500 μA, 1.8 V
output selected (default setting)
Output High Voltage (3.3 V Mode)
VOH-3V
V3.3V − 0.4
IOH = 500 μA, 3.3 V output selected, set
by the voltage on the V3_LDO pin, and
CMOS_OV can set to either 1.8 V or 3.3 V
logic
Output Low Voltage
VOL
0.4
V
Output low current (IOL) = 500 μA
SDO High-Z Leakage
IZH/IZL
±1
μA
POWER SUPPLIES
Device Setup is default configuration for all
Supply Current specifications unless noted
below.
V5_VCO Supply Range
VV5_VCO
4.75
5
5.25
V
V5_CAL Supply Range
VV5_CAL
4.75
5
5.25
V
V5_CP Supply Range
VV5_CP
4.75
5
5.25
V
V3.3V_1 Supply Range
V3.3V_1
3.15
3.3
3.45
V
Group 1: V3_LS, V3_LDO, V3_REF, V3_PFD,
V3_NDIV, and V3_SYNC
V3.3V_2 Supply Range
V3.3V_2
3.15
3.3
3.45
V
Group 2: V3_RFOUT1, V3_RFOUT2,
V3_VCO, and V3_OUTDIV
V5_VCO Supply Current
I5V_VCO
140
195
mA
fOUT = 11.5 GHz to 21GHz, RFOUT_DIV = 0,
maximum charge pump current
V5_CAL Supply Current
I5V_CAL
105
215
μA
15
mA
During VCO calibration
V5_CP Supply Current
I5V_CP
60
70
mA
ICP = 11.1 mA
V3.3V_1 Supply Current
I3.3V_1
200
240
mA
V3.3V_2 Supply Current
I3.3V_2
310
340
mA
PD_RFOUT1 = 0, PD_RFOUT2 = 0,
RFOUT1_OPWR = 11 and RFOUT2_OPWR
= 11 (maximum power)
Typical Power Dissipation
PDIS
2.2 to 2.6
PD_RFOUT1 = 1, PD_RFOUT2 = 0,
RFOUT1_OPWR = 11 RFOUT2_OPWR = 11
(maximum power)
Typical Power Down Current
3.3 V
3.1
mA
PD_ALL =1, I3.3V_1 + I3.3V_2
5 V
340
uA
PD_ALL=1, IVCO-5V + ICAL-5V + ICP-5V
Typical Disable Current
3.3 V Supplies
710
uA
CE=LOW, I3.3V_1 + I3.3V_2
5 V Supplies
340
uA
CE=LOW, IVCO-5V + ICAL-5V + ICP-5V
RF OUTPUT NOISE CHARACTERISTICS
RF Output = 20 GHz
VCO noise in open-loop conditions, and offset
from 20 GHz carrier
Phase Noise Floor
−156
dBc/Hz
100 KHz Offset
−103
dBc/Hz
1 MHz Offset
−125
dBc/Hz
10 MHz Offset
−144
dBc/Hz
RF Output = 14 GHz
VCO noise in open-loop conditions and offset
from 14 GHz carrier
Phase Noise Floor
−156
dBc/Hz
100 KHz Offset
−106
dBc/Hz
1 MHz Offset
−125
dBc/Hz
10 MHz Offset
−145
dBc/Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com