Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4382ABCCZ Datasheet(PDF) 31 Page - Analog Devices

Part # ADF4382ABCCZ
Description  Microwave Wideband Synthesizer with Integrated VCO
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4382ABCCZ Datasheet(HTML) 31 Page - Analog Devices

Back Button ADF4382ABCCZ Datasheet HTML 27Page - Analog Devices ADF4382ABCCZ Datasheet HTML 28Page - Analog Devices ADF4382ABCCZ Datasheet HTML 29Page - Analog Devices ADF4382ABCCZ Datasheet HTML 30Page - Analog Devices ADF4382ABCCZ Datasheet HTML 31Page - Analog Devices ADF4382ABCCZ Datasheet HTML 32Page - Analog Devices ADF4382ABCCZ Datasheet HTML 33Page - Analog Devices ADF4382ABCCZ Datasheet HTML 34Page - Analog Devices ADF4382ABCCZ Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 82 page
background image
Data Sheet
ADF4382A
THEORY OF OPERATION
analog.com
Rev. A | 31 of 82
DELSTR is an active high signal that is used to assert a phase
adjustment. The amount by which the phase is adjusted is set in
PHASE_ADJUSTMENT. The phase is adjusted on the falling edge
of the signal.
DELADJ is an active high signal that controls the direction of the
adjustment. If the signal is set to 0 while DELSTR is high, the
RFOUT signal phase adjusts to earlier in time relative to the initial
phase. If the signal is set to 1 while DELSTR is high, the RF output
signal advances in time relative to the initial phase.
Figure 56. DELSTR and DELADJ Timing Diagrams
RF Output Buffer
The low noise, differential output buffer in Figure 57 produces a
differential output voltage. The output amplitude level and common-
mode voltage is programmable with the RFOUT1_OPWR (Register
0x029, Bits[3:0]) and RFOUT2_OPWR (Register 0x029, Bits[7:4])
bits. Each output can be either AC- or DC-coupled and terminated
with 100 Ω differentially. If a single-ended output is desired, each
side of the output must be individually AC-coupled and terminated
with 50 Ω. External inductors are required to achieve the highest
output power. A 1.4 nH, 0402 sized, pull-up inductor is required
to be connected to the RFOUTx 3.3 V supply (V3_RFOUTx) from
the RFOUTx pins. Additionally, a series 100 nF capacitor must be
connected to the RFOUTx pins as shown in Figure 58.
Figure 57. Simplified RF Output Buffer Schematic
Figure 58. RFOUT Interface Schematic
Mute RF Output
The RFOUTxP and RFOUTxN pins can be muted by using the
MUTE_RFOUTx bit fields (Register 0x40, Bits[5:3] and Bits[2:0],
respectively.
Table 23. MUTE_RFOUTx, Bit 0 through Bit 7, Controls
MUTE_RFOUTx, Bits
Function
0
Normal operation
1
Mute low and disable the emitter follower driver
2
Mute high and disable the emitter follower driver
3
Mute low and leave the emitter follower driver on
4
Mute low and disable the emitter follower driver during
calibration
5
Mute low and keep the emitter follower running during
calibration
6
Mute low and disable the emitter follower driver when
LOCKED = 0
7
Mute low and keep the emitter follower running when
LOCKED = 0
It is recommended to use options that keep the emitter follower on
to minimize current fluctuations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com