Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4382ABCCZ Datasheet(PDF) 7 Page - Analog Devices

Part # ADF4382ABCCZ
Description  Microwave Wideband Synthesizer with Integrated VCO
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4382ABCCZ Datasheet(HTML) 7 Page - Analog Devices

Back Button ADF4382ABCCZ Datasheet HTML 3Page - Analog Devices ADF4382ABCCZ Datasheet HTML 4Page - Analog Devices ADF4382ABCCZ Datasheet HTML 5Page - Analog Devices ADF4382ABCCZ Datasheet HTML 6Page - Analog Devices ADF4382ABCCZ Datasheet HTML 7Page - Analog Devices ADF4382ABCCZ Datasheet HTML 8Page - Analog Devices ADF4382ABCCZ Datasheet HTML 9Page - Analog Devices ADF4382ABCCZ Datasheet HTML 10Page - Analog Devices ADF4382ABCCZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 82 page
background image
Data Sheet
ADF4382A
SPECIFICATIONS
analog.com
Rev. A | 7 of 82
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
Normalized In-Band Phase Noise Floor5
Integer Mode
LNORM-INT
−239
dBc/Hz
Fractional Mode
LNORM-FRAC
−237
dBc/Hz
Normalized 1/f Phase Noise Floor5, 6
L1/f
−287
dBc/Hz
Normalized to 1 Hz
Normalized 1/f Figure of Merit (FOM)6
L1/f_1G_10k
Integer Mode
L1/f_1G_10k INT
−147
dBc/Hz
Fractional Mode
L1/f_1G_10k
FRAC
−143
dBc/Hz
Integrated RMS Jitter
Integration Bandwidth: 100 Hz to 100 MHz
20
fs
RFOUT = 20 GHz
ADC SNR Method
31
fs
RFOUT = 20 GHz
Spurious
fREF
<−95
dBc
fPFD
−90
dBc
TEMPERATURE SENSOR (ANALOG-TO-DIGITAL
CONVERTER (ADC))
ADC Clock Frequency
fADC_CLK
400
kHz
ADC clock divider output
ADC Clock Divider Frequency
fADC_CLKDIV
125
MHz
ADC clock divider input
Resolution
8
Bits
1 0.9 V < VCP < V5V_CP – 0.9 V.
2 Valid for 1.60 V ≤ VTUNE ≤ 2.85 V with part calibrated after a power cycle or software power-on reset.
3 Based on characterization.
4 VOD is the output differential voltage.
5 These values are modeled in ADIsimPLL.
6 Integrated ranged 1 kHz to fOUT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com