Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4382ABCCZ Datasheet(PDF) 79 Page - Analog Devices

Part # ADF4382ABCCZ
Description  Microwave Wideband Synthesizer with Integrated VCO
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4382ABCCZ Datasheet(HTML) 79 Page - Analog Devices

Back Button ADF4382ABCCZ Datasheet HTML 74Page - Analog Devices ADF4382ABCCZ Datasheet HTML 75Page - Analog Devices ADF4382ABCCZ Datasheet HTML 76Page - Analog Devices ADF4382ABCCZ Datasheet HTML 77Page - Analog Devices ADF4382ABCCZ Datasheet HTML 78Page - Analog Devices ADF4382ABCCZ Datasheet HTML 79Page - Analog Devices ADF4382ABCCZ Datasheet HTML 80Page - Analog Devices ADF4382ABCCZ Datasheet HTML 81Page - Analog Devices ADF4382ABCCZ Datasheet HTML 82Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 79 / 82 page
background image
Data Sheet
ADF4382A
REGISTER MAP
analog.com
Rev. A | 79 of 82
Table 228. Bit Descriptions for REG0260
Bits
Bit Name
Description
Reset
Access
[7:4]
LUT_N_19[3:0]
N threshold 19 selected by the LUT.
0x0
R
[3:0]
LUT_N_18[11:8]
N threshold 18 selected by the LUT.
0x0
R
Address: 0x261, Reset: 0x00, Name: REG0261
Table 229. Bit Descriptions for REG0261
Bits
Bit Name
Description
Reset
Access
[7:0]
LUT_N_19[11:4]
N threshold 19 selected by the LUT.
0x0
R
Address: 0x262, Reset: 0x00, Name: REG0262
Table 230. Bit Descriptions for REG0262
Bits
Bit Name
Description
Reset
Access
[7:0]
LUT_N_20[7:0]
N threshold 20 selected by the LUT.
0x0
R
Address: 0x263, Reset: 0x00, Name: REG0263
Table 231. Bit Descriptions for REG0263
Bits
Bit Name
Description
Reset
Access
[7:4]
LUT_N_21[3:0]
N threshold 21 selected by the LUT.
0x0
R
[3:0]
LUT_N_20[11:8]
N threshold 20 selected by the LUT.
0x0
R
Address: 0x264, Reset: 0x00, Name: REG0264
Table 232. Bit Descriptions for REG0264
Bits
Bit Name
Description
Reset
Access
[7:0]
LUT_N_21[11:4]
N threshold 21 selected by the LUT.
0x0
R
Address: 0x265, Reset: 0x00, Name: REG0265
Table 233. Bit Descriptions for REG0265
Bits
Bit Name
Description
Reset
Access
[7:0]
LUT_N_22[7:0]
N threshold 22 selected by the LUT.
0x0
R
Address: 0x266, Reset: 0x00, Name: REG0266
Table 234. Bit Descriptions for REG0266
Bits
Bit Name
Description
Reset
Access
[7:4]
LUT_N_23[3:0]
N threshold 23 selected by the LUT.
0x0
R
[3:0]
LUT_N_22[11:8]
N threshold 22 selected by the LUT.
0x0
R
Address: 0x267, Reset: 0x00, Name: REG0267
Table 235. Bit Descriptions for REG0267
Bits
Bit Name
Description
Reset
Access
[7:0]
LUT_N_23[11:4]
N threshold 23 selected by the LUT.
0x0
R
Address: 0x268, Reset: 0x00, Name: REG0268



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com