Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4382ABCCZ Datasheet(PDF) 56 Page - Analog Devices

Part # ADF4382ABCCZ
Description  Microwave Wideband Synthesizer with Integrated VCO
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4382ABCCZ Datasheet(HTML) 56 Page - Analog Devices

Back Button ADF4382ABCCZ Datasheet HTML 52Page - Analog Devices ADF4382ABCCZ Datasheet HTML 53Page - Analog Devices ADF4382ABCCZ Datasheet HTML 54Page - Analog Devices ADF4382ABCCZ Datasheet HTML 55Page - Analog Devices ADF4382ABCCZ Datasheet HTML 56Page - Analog Devices ADF4382ABCCZ Datasheet HTML 57Page - Analog Devices ADF4382ABCCZ Datasheet HTML 58Page - Analog Devices ADF4382ABCCZ Datasheet HTML 59Page - Analog Devices ADF4382ABCCZ Datasheet HTML 60Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 82 page
background image
Data Sheet
ADF4382A
REGISTER MAP
analog.com
Rev. A | 56 of 82
Table 71. Bit Descriptions for REG0032 (Continued)
Bits
Bit Name
Description
Reset
Access
0: charge pump bleed mode.
1: Σ-Δ mode.
4
EN_AUTO_ALIGN
Enable Clock Align Mode.
0x0
R/W
0: phase adjustment is performed using a SPI write by setting PHASE_ADJ.
1: phase adjustment is performed using DEL_STR and DEL_ADJ pins.
3
PHASE_ADJ_POL
Determines the Polarity of the Phase Adjustment.
0x0
R/W
0: subtracts the selected phase value.
1: add the selected phase value.
[2:0]
EFM3_MODE
See the Σ-Δ Modulator Optimization Modes section.
0x0
R/W
Address: 0x033, Reset: 0x00, Name: REG0033
Table 72. Bit Descriptions for REG0033
Bits
Bit Name
Description
Reset
Access
[7:0]
PHASE_ADJUSTMENT
See the Phase Adjust section.
0x0
R/W
Address: 0x034, Reset: 0x00, Name: REG0034
Table 73. Bit Descriptions for REG0034
Bits
Bit Name
Description
Reset
Access
7
PHASE_ADJ
Apply the phase adjustment value set in PHASE_ADJUSTMENT.
0x0
R/W
[6:4]
DRCLK_DEL
Sets the programmable input delay for the digital RCLK path. See Table 26 .
0x0
R/W
[3:1]
DNCLK_DEL
Sets the programmable input delay for the digital NCLK path. See Table 26.
0x0
R/W
0
RST_CNTR
Reset for Frequency Counter Test Mode.
0x0
R/W
Address: 0x035, Reset: 0x00, Name: REG0035
Table 74. Bit Descriptions for REG0035
Bits
Bit Name
Description
Reset
Access
[7:6]
RESERVED
Reserved.
0x0
R/W
[5:0]
M_VCO_BIAS
Selects the Bias Value Used When O_VCO_BIAS = 1.
0x0
R/W
Address: 0x036, Reset: 0x00, Name: REG0036
Table 75. Bit Descriptions for REG0036
Bits
Bit Name
Description
Reset
Access
7
RFOUTODIV_DB
RFOUTO_DIV Double Buffered.
0x0
R/W
6
DCLK_DIV_DB
DCLK_DIV1 and DNCLK_DIV1 Double Buffered.
0x0
R/W
[5:2]
RESERVED
Reserved.
0x0
R/W
1
EN_LUT_GEN
Enable the LUT generation.
0x0
R/W
0
EN_LUT_CAL
Enable the Use of the Lookup Table for the Calibration.
0x0
R/W
Address: 0x037, Reset: 0x00, Name: REG0037
Table 76. Bit Descriptions for REG0037
Bits
Bit Name
Description
Reset
Access
[7:0]
CAL_COUNT_TO
Timeout value for each VCO calibration decision. See the VCO calibration section.
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com