Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4382ABCCZ Datasheet(PDF) 77 Page - Analog Devices

Part # ADF4382ABCCZ
Description  Microwave Wideband Synthesizer with Integrated VCO
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4382ABCCZ Datasheet(HTML) 77 Page - Analog Devices

Back Button ADF4382ABCCZ Datasheet HTML 73Page - Analog Devices ADF4382ABCCZ Datasheet HTML 74Page - Analog Devices ADF4382ABCCZ Datasheet HTML 75Page - Analog Devices ADF4382ABCCZ Datasheet HTML 76Page - Analog Devices ADF4382ABCCZ Datasheet HTML 77Page - Analog Devices ADF4382ABCCZ Datasheet HTML 78Page - Analog Devices ADF4382ABCCZ Datasheet HTML 79Page - Analog Devices ADF4382ABCCZ Datasheet HTML 80Page - Analog Devices ADF4382ABCCZ Datasheet HTML 81Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 82 page
background image
Data Sheet
ADF4382A
REGISTER MAP
analog.com
Rev. A | 77 of 82
Address: 0x250, Reset: 0x00, Name: REG0250
Table 212. Bit Descriptions for REG0250
Bits
Bit Name
Description
Reset
Access
[7:0]
LUT_N_8[7:0]
N threshold 8 selected by the LUT.
0x0
R
Address: 0x251, Reset: 0x00, Name: REG0251
Table 213. Bit Descriptions for REG0251
Bits
Bit Name
Description
Reset
Access
[7:4]
LUT_N_9[3:0]
N threshold 9 selected by the LUT.
0x0
R
[3:0]
LUT_N_8[11:8]
N threshold 8 selected by the LUT.
0x0
R
Address: 0x252, Reset: 0x00, Name: REG0252
Table 214. Bit Descriptions for REG0252
Bits
Bit Name
Description
Reset
Access
[7:0]
LUT_N_9[11:4]
N threshold 9 selected by the LUT.
0x0
R
Address: 0x253, Reset: 0x00, Name: REG0253
Table 215. Bit Descriptions for REG0253
Bits
Bit Name
Description
Reset
Access
[7:0]
LUT_N_10[7:0]
N threshold 10 selected by the LUT.
0x0
R
Address: 0x254, Reset: 0x00, Name: REG0254
Table 216. Bit Descriptions for REG0254
Bits
Bit Name
Description
Reset
Access
[7:4]
LUT_N_11[3:0]
N threshold 11 selected by the LUT.
0x0
R
[3:0]
LUT_N_10[11:8]
N threshold 10 selected by the LUT.
0x0
R
Address: 0x255, Reset: 0x00, Name: REG0255
Table 217. Bit Descriptions for REG0255
Bits
Bit Name
Description
Reset
Access
[7:0]
LUT_N_11[11:4]
N threshold 11 selected by the LUT.
0x0
R
Address: 0x256, Reset: 0x00, Name: REG0256
Table 218. Bit Descriptions for REG0256
Bits
Bit Name
Description
Reset
Access
[7:0]
LUT_N_12[7:0]
N threshold 12 selected by the LUT.
0x0
R
Address: 0x257, Reset: 0x00, Name: REG0257
Table 219. Bit Descriptions for REG0257
Bits
Bit Name
Description
Reset
Access
[7:4]
LUT_N_13[3:0]
N threshold 13 selected by the LUT.
0x0
R
[3:0]
LUT_N_12[11:8]
N threshold 12 selected by the LUT.
0x0
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com