Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4382ABCCZ Datasheet(PDF) 46 Page - Analog Devices

Part # ADF4382ABCCZ
Description  Microwave Wideband Synthesizer with Integrated VCO
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4382ABCCZ Datasheet(HTML) 46 Page - Analog Devices

Back Button ADF4382ABCCZ Datasheet HTML 42Page - Analog Devices ADF4382ABCCZ Datasheet HTML 43Page - Analog Devices ADF4382ABCCZ Datasheet HTML 44Page - Analog Devices ADF4382ABCCZ Datasheet HTML 45Page - Analog Devices ADF4382ABCCZ Datasheet HTML 46Page - Analog Devices ADF4382ABCCZ Datasheet HTML 47Page - Analog Devices ADF4382ABCCZ Datasheet HTML 48Page - Analog Devices ADF4382ABCCZ Datasheet HTML 49Page - Analog Devices ADF4382ABCCZ Datasheet HTML 50Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 82 page
background image
Data Sheet
ADF4382A
REGISTER MAP
analog.com
Rev. A | 46 of 82
Table 28. ADF4382A Register Summary (Continued)
Reg
Name
Bits
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
RW
0x254 REG0254
[7:0]
LUT_N_11[3:0]
LUT_N_10[11:8]
0x00
R
0x255 REG0255
[7:0]
LUT_N_11[11:4]
0x00
R
0x256 REG0256
[7:0]
LUT_N_12[7:0]
0x00
R
0x257 REG0257
[7:0]
LUT_N_13[3:0]
LUT_N_12[11:8]
0x00
R
0x258 REG0258
[7:0]
LUT_N_13[11:4]
0x00
R
0x259 REG0259
[7:0]
LUT_N_14[7:0]
0x00
R
0x25A REG025A
[7:0]
LUT_N_15[3:0]
LUT_N_14[11:8]
0x00
R
0x25B REG025B
[7:0]
LUT_N_15[11:4]
0x00
R
0x25C REG025C
[7:0]
LUT_N_16[7:0]
0x00
R
0x25D REG025D
[7:0]
LUT_N_17[3:0]
LUT_N_16[11:8]
0x00
R
0x25E REG025E
[7:0]
LUT_N_17[11:4]
0x00
R
0x25F REG025F
[7:0]
LUT_N_18[7:0]
0x00
R
0x260 REG0260
[7:0]
LUT_N_19[3:0]
LUT_N_18[11:8]
0x00
R
0x261 REG0261
[7:0]
LUT_N_19[11:4]
0x00
R
0x262 REG0262
[7:0]
LUT_N_20[7:0]
0x00
R
0x263 REG0263
[7:0]
LUT_N_21[3:0]
LUT_N_20[11:8]
0x00
R
0x264 REG0264
[7:0]
LUT_N_21[11:4]
0x00
R
0x265 REG0265
[7:0]
LUT_N_22[7:0]
0x00
R
0x266 REG0266
[7:0]
LUT_N_23[3:0]
LUT_N_22[11:8]
0x00
R
0x267 REG0267
[7:0]
LUT_N_23[11:4]
0x00
R
0x268 REG0268
[7:0]
LUT_N_24[7:0]
0x00
R
0x269 REG0269
[7:0]
LUT_N_25[3:0]
LUT_N_24[11:8]
0x00
R
0x26A REG026A
[7:0]
LUT_N_25[11:4]
0x00
R
0x26B REG026B
[7:0]
LUT_N_26[7:0]
0x00
R
0x26C REG026C
[7:0]
LUT_N_27[3:0]
LUT_N_26[11:8]
0x00
R
0x26D REG026D
[7:0]
LUT_N_27[11:4]
0x00
R
0x26E REG026E
[7:0]
LUT_N_28[7:0]
0x00
R
0x26F REG026F
[7:0]
LUT_N_29[3:0]
LUT_N_28[11:8]
0x00
R
0x270 REG0270
[7:0]
LUT_N_29[11:4]
0x00
R
0x271 REG0271
[7:0]
LUT_N_30[7:0]
0x00
R
0x272 REG0272
[7:0]
LUT_N_31[3:0]
LUT_N_30[11:8]
0x00
R
0x273 REG0273
[7:0]
LUT_N_31[11:4]
0x00
R
REGISTER DETAILS
Address: 0x000, Reset: 0x00, Name: REG0000
Table 29. Bit Descriptions for REG0000
Bits
Bit Name
Description
Reset
Access
7
SOFT_RESET_R
Repeat of SOFT_RESET.
0x0
R/W
6
LSB_FIRST_R
Repeat of LSB_FIRST.
0x0
R/W
5
ADDRESS_ASCENSION_R
Repeat of ADDRESS_ASCENSION.
0x0
R/W
4
SDO_ACTIVE_R
Repeat of SDO_ACTIVE.
0x0
R/W
3
SDO_ACTIVE
Choose Between 3-Wire or 4-Wire Operation.
0x0
R/W
0: 3-wire.
1: 4-wire SPI (enables SDO and SDIO becomes an input only).
2
ADDRESS_ASCENSION
Address Ascension When Streaming.
0x0
R/W
0: address auto-decrements when streaming.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com