Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4382ABCCZ Datasheet(PDF) 33 Page - Analog Devices

Part # ADF4382ABCCZ
Description  Microwave Wideband Synthesizer with Integrated VCO
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4382ABCCZ Datasheet(HTML) 33 Page - Analog Devices

Back Button ADF4382ABCCZ Datasheet HTML 29Page - Analog Devices ADF4382ABCCZ Datasheet HTML 30Page - Analog Devices ADF4382ABCCZ Datasheet HTML 31Page - Analog Devices ADF4382ABCCZ Datasheet HTML 32Page - Analog Devices ADF4382ABCCZ Datasheet HTML 33Page - Analog Devices ADF4382ABCCZ Datasheet HTML 34Page - Analog Devices ADF4382ABCCZ Datasheet HTML 35Page - Analog Devices ADF4382ABCCZ Datasheet HTML 36Page - Analog Devices ADF4382ABCCZ Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 82 page
background image
Data Sheet
ADF4382A
APPLICATIONS INFORMATION
analog.com
Rev. A | 33 of 82
Standard Power-Up and Initialization
Sequence, Automatic VCO Calibration
The following standard power-up and initialization sequence is the
recommended procedure to power up and program the ADF4382A:
1. Follow Step 1 through Step 5 in the Power-Up and Initialization
Sequence section.
2. It is optional to monitor the status of the VCO calibration bits,
ADC_BUSY and FSM_BUSY (Register 0x058, Bit 2 and Bit 1,
respectively. A VCO calibration is completed when ADC_BUSY
transitions from high to low followed by FSM_BUSY transition-
ing from high to low.
3. After the VCO calibration is complete, disable the VCO
calibration clocks by setting EN_DRCLK = EN_DNCLK =
EN_ADC_CLK = 0. Disabling the VCO calibration clocks re-
duces unwanted spurious content.
4. The PLL is locked when the lock detector sets the LKDET pin
(Pin 27) and the LOCKED bit (Register 0x58, Bit 0) high.
5. When changing the frequency, take the following steps:
a. Program only the modified registers.
b. Write to Register 0x010 to start a new VCO autocalibration
as the final step whether it is modified or not.
Fast Power-Up and Initialization, Manually
Programmed VCO Calibration Settings
For fast frequency hopping applications, much shorter lock time
is required. The ADF4382A can be manually programmed with
predetermined calibration values to decrease overall lock time by
bypassing VCO calibration. The calibration values are first obtained
by performing an autocalibration and reading back the correspond-
ing band, core, and bias values for a given frequency. These
values can then be manually programmed to the ADF4382A on
subsequent device initializations. The values of the readbacks vary
with each device due to process variation.
The following steps outline the procedure to perform a manual VCO
calibration after initialization:
1. Perform an autocalibration with the target frequency required.
2. Record the VCO_CORE and VCO_BAND.
3. If VCO_CORE = 0, read the VCO bias value from
VCO0_BIAS_RDBK. If VCO_CORE = 1, read the VCO bias
value from VCO1_BIAS_RDBK. The value read is used as the
M_VCO_BIAS value.
4. On subsequent power-up and initialization sequences, pro-
gram the override (O_VCO_CORE, O_VCO_BAND, and
O_VCO_BIAS) and manual VCO bits (M_VCO_CORE,
M_VCO_BAND, and M_VCO_BIAS) as documented in Table
24. All other bit fields are programmed as normal.
5. Repeat the sequence for each target frequency.
Table 24. Manually Programmed VCO Calibration Settings
Bit Fields
Value
Description
O_VCO_DB
0x1
Manually calibrated values are dou-
ble buffered by programming N_INT.
MUTE_NCLK
0x1
Mutes the clock signal from the N-di-
vider block to the PFD. Must be set
to 1, when going from an integer to a
fractional frequency (or vice versa).
EN_AUTOCAL
0x0
Disables autocalibration.
EN_DRCLK
0x0
Disables DIV_RCLK to the digital
block.
EN_DNCLK
0x0
Disables DIV_NCLK to the digital
block.
EN_ADC_CLK
0x0
Disables the ADC clock.
O_VCO_CORE
0x1
Overrides the VCO core with value in
M_VCO_CORE.
O_VCO_BAND
0x1
Overrides the VCO band with
M_VCO_BAND.
O_VCO_BIAS
0x1
Overrides the VCO bias with
M_VCO_BIAS.
M_VCO_CORE
Program with re-
corded values
Selects the VCO core when
O_VCO_CORE = 1.
M_VCO_BAND
Program with re-
corded values
Selects the band within the core
when O_VCO_BAND = 1.
M_VCO_BIAS
Program with re-
corded values
Selects the bias value used when
O_VCO_BIAS = 1.
Fast Calibration
The fast calibration feature enables a VCO calibration time of <1 μs
for each output frequency change, by storing 32 discrete VCO core,
band, and bias values across the octave range of the ADF4382A.
Fast calibration can be initiated during device initialization. When
fast calibration is started, autocalibration is performed at 32 out-
put frequencies across the octave output frequency range of the
ADF4382A. An on chip look-up table in the device register map is
used to store the corresponding VCO core, band, and bias value for
each output frequency.
After initialization, subsequent output frequency changes utilize
the previously stored look-up table to determine the optimal VCO
calibration values by interpolation. Fast calibration is a more effi-
cient alternative solution to manually programming VCO calibration
settings, which requires an external microcontroller with memory
storage. It also reduces the number SPI writes required at each
output frequency compared to manually writing. This feature is
particularly useful in applications requiring many frequency hops.
A separate application note details the programming procedure for
fast calibration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com