Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4382ABCCZ Datasheet(PDF) 76 Page - Analog Devices

Part # ADF4382ABCCZ
Description  Microwave Wideband Synthesizer with Integrated VCO
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4382ABCCZ Datasheet(HTML) 76 Page - Analog Devices

Back Button ADF4382ABCCZ Datasheet HTML 72Page - Analog Devices ADF4382ABCCZ Datasheet HTML 73Page - Analog Devices ADF4382ABCCZ Datasheet HTML 74Page - Analog Devices ADF4382ABCCZ Datasheet HTML 75Page - Analog Devices ADF4382ABCCZ Datasheet HTML 76Page - Analog Devices ADF4382ABCCZ Datasheet HTML 77Page - Analog Devices ADF4382ABCCZ Datasheet HTML 78Page - Analog Devices ADF4382ABCCZ Datasheet HTML 79Page - Analog Devices ADF4382ABCCZ Datasheet HTML 80Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 82 page
background image
Data Sheet
ADF4382A
REGISTER MAP
analog.com
Rev. A | 76 of 82
Address: 0x248, Reset: 0x00, Name: REG0248
Table 204. Bit Descriptions for REG0248
Bits
Bit Name
Description
Reset
Access
[7:4]
LUT_N_3[3:0]
N threshold 3 selected by the LUT.
0x0
R
[3:0]
LUT_N_2[11:8]
N threshold 2 selected by the LUT.
0x0
R
Address: 0x249, Reset: 0x00, Name: REG0249
Table 205. Bit Descriptions for REG0249
Bits
Bit Name
Description
Reset
Access
[7:0]
LUT_N_3[11:4]
N threshold 3 selected by the LUT.
0x0
R
Address: 0x24A, Reset: 0x00, Name: REG024A
Table 206. Bit Descriptions for REG024A
Bits
Bit Name
Description
Reset
Access
[7:0]
LUT_N_4[7:0]
N threshold 4 selected by the LUT.
0x0
R
Address: 0x24B, Reset: 0x00, Name: REG024B
Table 207. Bit Descriptions for REG024B
Bits
Bit Name
Description
Reset
Access
[7:4]
LUT_N_5[3:0]
N threshold 5 selected by the LUT.
0x0
R
[3:0]
LUT_N_4[11:8]
N threshold 4 selected by the LUT.
0x0
R
Address: 0x24C, Reset: 0x00, Name: REG024C
Table 208. Bit Descriptions for REG024C
Bits
Bit Name
Description
Reset
Access
[7:0]
LUT_N_5[11:4]
N threshold 5 selected by the LUT.
0x0
R
Address: 0x24D, Reset: 0x00, Name: REG024D
Table 209. Bit Descriptions for REG024D
Bits
Bit Name
Description
Reset
Access
[7:0]
LUT_N_6[7:0]
N threshold 6 selected by the LUT.
0x0
R
Address: 0x24E, Reset: 0x00, Name: REG024E
Table 210. Bit Descriptions for REG024E
Bits
Bit Name
Description
Reset
Access
[7:4]
LUT_N_7[3:0]
N threshold 7 selected by the LUT.
0x0
R
[3:0]
LUT_N_6[11:8]
N threshold 6 selected by the LUT.
0x0
R
Address: 0x24F, Reset: 0x00, Name: REG024F
Table 211. Bit Descriptions for REG024F
Bits
Bit Name
Description
Reset
Access
[7:0]
LUT_N_7[11:4]
N threshold 7 selected by the LUT.
0x0
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com