Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4382ABCCZ Datasheet(PDF) 5 Page - Analog Devices

Part # ADF4382ABCCZ
Description  Microwave Wideband Synthesizer with Integrated VCO
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4382ABCCZ Datasheet(HTML) 5 Page - Analog Devices

  ADF4382ABCCZ Datasheet HTML 1Page - Analog Devices ADF4382ABCCZ Datasheet HTML 2Page - Analog Devices ADF4382ABCCZ Datasheet HTML 3Page - Analog Devices ADF4382ABCCZ Datasheet HTML 4Page - Analog Devices ADF4382ABCCZ Datasheet HTML 5Page - Analog Devices ADF4382ABCCZ Datasheet HTML 6Page - Analog Devices ADF4382ABCCZ Datasheet HTML 7Page - Analog Devices ADF4382ABCCZ Datasheet HTML 8Page - Analog Devices ADF4382ABCCZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 82 page
background image
Data Sheet
ADF4382A
SPECIFICATIONS
analog.com
Rev. A | 5 of 82
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
VCO
Fundamental Frequency Range
fVCO
11.5
21
GHz
VCO Autocalibration Time
100
µs
Tuning Sensitivity
KVCO
50 to 150
MHz/V
KVCO2,3
Divided Reference Clock (DIV_RCLK) VCO
Calibration Frequency
fDIV_RCLK
125
MHz
Must set DCLK_MODE = 1, when fDIV_RCLK >
80 MHz
FEEDBACK (N) AND OUTPUT DIVIDER (O)
N
4
4095
Integer mode
19
4095
Fractional mode
O
1
4
1, 2, and 4
CLOCK OUTPUTS (RFOUT1P and RFOUT1N,
RFOUT2P and RFOUT2N)
Differential termination = 100 Ω for all
RF output (RFOUT) specifications unless
otherwise noted
Output Frequency
fOUT
11.5
21
GHz
Divide by 2
5.75
10.5
GHz
Divide by 4
2.875
5.25
GHz
Differential RF Output Power
PRFOUT
10
dBm
RFOUT1_OPWR = RFOUT2_OPWR = 11,
fOUT = 11.5 GHz
9
dBm
RFOUT1_OPWR = RFOUT2_OPWR = 11,
fOUT =14 GHz
5
dBm
RFOUT1_OPWR = RFOUT2_OPWR = 11,
fOUT = 20 GHz
Output Resistance
100
Ω
Differential
Output Common Mode
3.3 − VOD4
V
Output Rise Time
tR
15
ps
20% to 80%, RFOUT1_OPWR =
RFOUT2_OPWR = 1
Output Fall Time
tF
15
ps
80% to 20%, RFOUT1_OPWR =
RFOUT2_OPWR = 1
Output Duty Cycle
50
%
Skew, RFOUT1 to RFOUT2
±3
ps
REFERENCE INPUT TO OUTPUT DELAY
Device setup for all delay specifications
unless noted as follows, measure rising
reference edge at reference input to rising
edge at RFOUT output
Propagation Delay
tPD
190
ps
REF_SEL = 0 and REF_SEL = 1
Propagation Delay Temperature Coefficient
tPD-TC
0.06
ps/°C
REF_SEL = 0
LOGIC INPUTS (CSB, SCLK, SDIO, DELADJ and
DELSTR)
Input High Voltage
VINH
1.2
V
Input Low Voltage
VINL
0.6
V
Input Current
IIH/IIL
±1
µA
Input Capacitance
CIN
3
pF
LOGIC INPUT (CE)
Input High Voltage
VINH-3V
1.8
V
Input Low Voltage
VINL-3V
0.8
V
Input Current
IIH-3V/IIL-3V
±1
μA
Input Capacitance
CIN-3V
3
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com