Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4382ABCCZ Datasheet(PDF) 52 Page - Analog Devices

Part # ADF4382ABCCZ
Description  Microwave Wideband Synthesizer with Integrated VCO
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4382ABCCZ Datasheet(HTML) 52 Page - Analog Devices

Back Button ADF4382ABCCZ Datasheet HTML 48Page - Analog Devices ADF4382ABCCZ Datasheet HTML 49Page - Analog Devices ADF4382ABCCZ Datasheet HTML 50Page - Analog Devices ADF4382ABCCZ Datasheet HTML 51Page - Analog Devices ADF4382ABCCZ Datasheet HTML 52Page - Analog Devices ADF4382ABCCZ Datasheet HTML 53Page - Analog Devices ADF4382ABCCZ Datasheet HTML 54Page - Analog Devices ADF4382ABCCZ Datasheet HTML 55Page - Analog Devices ADF4382ABCCZ Datasheet HTML 56Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 82 page
background image
Data Sheet
ADF4382A
REGISTER MAP
analog.com
Rev. A | 52 of 82
Table 57. Bit Descriptions for REG0024 (Continued)
Bits
Bit Name
Description
Reset
Access
4
DCLK_DIV_SEL
Selects Which Bit Field Controls DIV_NCLK Divider 1.
0x0
R/W
0: Div_Nclk_divider1 Controlled by DCLK_DIV1 (Normal Operation).
1: Div_Nclk_divider1 Controlled by DNCLK_DIV1.
[3:2]
DNCLK_DIV1
Controls DIV_NCLK Divider 1 when DCLK_DIV_SEL = 1.
0x0
R/W
00: divide by 1.
01: divide by 2.
10: divide by 4.
11: divide by 8.
[1:0]
DCLK_DIV1
Controls DIV_RCLK Div1. If DCLK_DIV_SEL = 0, then it also controls DIV_NCLK Divider1. See the VCO
Calibration section.
0x0
R/W
00: divide by 1.
01: divide by 2.
10: divide by 4.
11: divide by 8.
Address: 0x025, Reset: 0x00, Name: REG0025
Table 58. Bit Descriptions for REG0025
Bits
Bit Name
Description
Reset
Access
[7:0]
RESYNC_WAIT[7:0]
Sets the waiting time after the calibration and sync pulse to apply the resynchronization. See the Phase
Resynchronization section.
0x0
R/W
Address: 0x026, Reset: 0x00, Name: REG0026
Table 59. Bit Descriptions for REG0026
Bits
Bit Name
Description
Reset
Access
[7:0]
RESYNC_WAIT[15:8]
Sets the waiting time after the calibration and sync pulse to apply the resynchronization. See the
Phase Resynchronization section.
0x0
R/W
Address: 0x027, Reset: 0x00, Name: REG0027
Table 60. Bit Descriptions for REG0027
Bits
Bit Name
Description
Reset
Access
[7:4]
REG027_RSV1
Reserved. ADF4382A register map provides reserved register settings.
0x0
R/W
[3:0]
REG027_RSV0
Reserved. ADF4382A register map provides reserved register settings.
0x0
R/W
Address: 0x028, Reset: 0x00, Name: REG0028
Table 61. Bit Descriptions for REG0028
Bits
Bit Name
Description
Reset
Access
7
PHASE_RESYNC_RB_SEL
Phase Resync Reset Selector.
0x0
R/W
6
LSB_P1
Add +1 to Σ-Δ LSB Enable/Disable.
0x0
R/W
5
VAR_MOD_EN
Enables Auxiliary ΣΔ modulator.
0x0
R/W
[4:2]
DITHER1_SCALE
Selects the LSB Position for Dither 1.
0x0
R/W
1
EN_DITHER2
Dither Applied to Second Accumulator.
0x0
R/W
0
EN_DITHER1
Dither Applied to First Accumulator.
0x0
R/W
Address: 0x029, Reset: 0x00, Name: REG0029



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com