Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4382ABCCZ Datasheet(PDF) 44 Page - Analog Devices

Part # ADF4382ABCCZ
Description  Microwave Wideband Synthesizer with Integrated VCO
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4382ABCCZ Datasheet(HTML) 44 Page - Analog Devices

Back Button ADF4382ABCCZ Datasheet HTML 40Page - Analog Devices ADF4382ABCCZ Datasheet HTML 41Page - Analog Devices ADF4382ABCCZ Datasheet HTML 42Page - Analog Devices ADF4382ABCCZ Datasheet HTML 43Page - Analog Devices ADF4382ABCCZ Datasheet HTML 44Page - Analog Devices ADF4382ABCCZ Datasheet HTML 45Page - Analog Devices ADF4382ABCCZ Datasheet HTML 46Page - Analog Devices ADF4382ABCCZ Datasheet HTML 47Page - Analog Devices ADF4382ABCCZ Datasheet HTML 48Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 82 page
background image
Data Sheet
ADF4382A
REGISTER MAP
analog.com
Rev. A | 44 of 82
Table 28. ADF4382A Register Summary (Continued)
Reg
Name
Bits
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
RW
0x20D REG020D
[7:0]
RESERVED
LUT_CORE[
4]
LUT_BAND_
4[8]
0x00
R
0x20E REG020E
[7:0]
LUT_BAND_5[7:0]
0x00
R
0x20F REG020F
[7:0]
RESERVED
LUT_CORE[
5]
LUT_BAND_
5[8]
0x00
R
0x210 REG0210
[7:0]
LUT_BAND_6[7:0]
0x00
R
0x211 REG0211
[7:0]
RESERVED
LUT_CORE[
6]
LUT_BAND_
6[8]
0x00
R
0x212 REG0212
[7:0]
LUT_BAND_7[7:0]
0x00
R
0x213 REG0213
[7:0]
RESERVED
LUT_CORE[
7]
LUT_BAND_
7[8]
0x00
R
0x214 REG0214
[7:0]
LUT_BAND_8[7:0]
0x00
R
0x215 REG0215
[7:0]
RESERVED
LUT_CORE[
8]
LUT_BAND_
8[8]
0x00
R
0x216 REG0216
[7:0]
LUT_BAND_9[7:0]
0x00
R
0x217 REG0217
[7:0]
RESERVED
LUT_CORE[
9]
LUT_BAND_
9[8]
0x00
R
0x218 REG0218
[7:0]
LUT_BAND_10[7:0]
0x00
R
0x219 REG0219
[7:0]
RESERVED
LUT_CORE[
10]
LUT_BAND_
10[8]
0x00
R
0x21A REG021A
[7:0]
LUT_BAND_11[7:0]
0x00
R
0x21B REG021B
[7:0]
RESERVED
LUT_CORE[
11]
LUT_BAND_
11[8]
0x00
R
0x21C REG021C
[7:0]
LUT_BAND_12[7:0]
0x00
R
0x21D REG021D
[7:0]
RESERVED
LUT_CORE[
12]
LUT_BAND_
12[8]
0x00
R
0x21E REG021E
[7:0]
LUT_BAND_13[7:0]
0x00
R
0x21F REG021F
[7:0]
RESERVED
LUT_CORE[
13]
LUT_BAND_
13[8]
0x00
R
0x220 REG0220
[7:0]
LUT_BAND_14[7:0]
0x00
R
0x221 REG0221
[7:0]
RESERVED
LUT_CORE[
14]
LUT_BAND_
14[8]
0x00
R
0x222 REG0222
[7:0]
LUT_BAND_15[7:0]
0x00
R
0x223 REG0223
[7:0]
RESERVED
LUT_CORE[
15]
LUT_BAND_
15[8]
0x00
R
0x224 REG0224
[7:0]
LUT_BAND_16[7:0]
0x00
R
0x225 REG0225
[7:0]
RESERVED
LUT_CORE[
16]
LUT_BAND_
16[8]
0x00
R
0x226 REG0226
[7:0]
LUT_BAND_17[7:0]
0x00
R
0x227 REG0227
[7:0]
RESERVED
LUT_CORE[
17]
LUT_BAND_
17[8]
0x00
R
0x228 REG0228
[7:0]
LUT_BAND_18[7:0]
0x00
R
0x229 REG0229
[7:0]
RESERVED
LUT_CORE[
18]
LUT_BAND_
18[8]
0x00
R
0x22A REG022A
[7:0]
LUT_BAND_19[7:0]
0x00
R
0x22B REG022B
[7:0]
RESERVED
LUT_CORE[
19]
LUT_BAND_
19[8]
0x00
R
0x22C REG022C
[7:0]
LUT_BAND_20[7:0]
0x00
R
0x22D REG022D
[7:0]
RESERVED
LUT_CORE[
20]
LUT_BAND_
20[8]
0x00
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com