Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4382ABCCZ Datasheet(PDF) 45 Page - Analog Devices

Part # ADF4382ABCCZ
Description  Microwave Wideband Synthesizer with Integrated VCO
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4382ABCCZ Datasheet(HTML) 45 Page - Analog Devices

Back Button ADF4382ABCCZ Datasheet HTML 41Page - Analog Devices ADF4382ABCCZ Datasheet HTML 42Page - Analog Devices ADF4382ABCCZ Datasheet HTML 43Page - Analog Devices ADF4382ABCCZ Datasheet HTML 44Page - Analog Devices ADF4382ABCCZ Datasheet HTML 45Page - Analog Devices ADF4382ABCCZ Datasheet HTML 46Page - Analog Devices ADF4382ABCCZ Datasheet HTML 47Page - Analog Devices ADF4382ABCCZ Datasheet HTML 48Page - Analog Devices ADF4382ABCCZ Datasheet HTML 49Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 82 page
background image
Data Sheet
ADF4382A
REGISTER MAP
analog.com
Rev. A | 45 of 82
Table 28. ADF4382A Register Summary (Continued)
Reg
Name
Bits
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
RW
0x22E REG022E
[7:0]
LUT_BAND_21[7:0]
0x00
R
0x22F REG022F
[7:0]
RESERVED
LUT_CORE[
21]
LUT_BAND_
21[8]
0x00
R
0x230 REG0230
[7:0]
LUT_BAND_22[7:0]
0x00
R
0x231 REG0231
[7:0]
RESERVED
LUT_CORE[
22]
LUT_BAND_
22[8]
0x00
R
0x232 REG0232
[7:0]
LUT_BAND_23[7:0]
0x00
R
0x233 REG0233
[7:0]
RESERVED
LUT_CORE[
23]
LUT_BAND_
23[8]
0x00
R
0x234 REG0234
[7:0]
LUT_BAND_24[7:0]
0x00
R
0x235 REG0235
[7:0]
RESERVED
LUT_CORE[
24]
LUT_BAND_
24[8]
0x00
R
0x236 REG0236
[7:0]
LUT_BAND_25[7:0]
0x00
R
0x237 REG0237
[7:0]
RESERVED
LUT_CORE[
25]
LUT_BAND_
25[8]
0x00
R
0x238 REG0238
[7:0]
LUT_BAND_26[7:0]
0x00
R
0x239 REG0239
[7:0]
RESERVED
LUT_CORE[
26]
LUT_BAND_
26[8]
0x00
R
0x23A REG023A
[7:0]
LUT_BAND_27[7:0]
0x00
R
0x23B REG023B
[7:0]
RESERVED
LUT_CORE[
27]
LUT_BAND_
27[8]
0x00
R
0x23C REG023C
[7:0]
LUT_BAND_28[7:0]
0x00
R
0x23D REG023D
[7:0]
RESERVED
LUT_CORE[
28]
LUT_BAND_
28[8]
0x00
R
0x23E REG023E
[7:0]
LUT_BAND_29[7:0]
0x00
R
0x23F REG023F
[7:0]
RESERVED
LUT_CORE[
29]
LUT_BAND_
29[8]
0x00
R
0x240 REG0240
[7:0]
LUT_BAND_30[7:0]
0x00
R
0x241 REG0241
[7:0]
RESERVED
LUT_CORE[
30]
LUT_BAND_
30[8]
0x00
R
0x242 REG0242
[7:0]
LUT_BAND_31[7:0]
0x00
R
0x243 REG0243
[7:0]
RESERVED
LUT_CORE[
31]
LUT_BAND_
31[8]
0x00
R
0x244 REG0244
[7:0]
LUT_N_0[7:0]
0x00
R
0x245 REG0245
[7:0]
LUT_N_1[3:0]
LUT_N_0[11:8]
0x00
R
0x246 REG0246
[7:0]
LUT_N_1[11:4]
0x00
R
0x247 REG0247
[7:0]
LUT_N_2[7:0]
0x00
R
0x248 REG0248
[7:0]
LUT_N_3[3:0]
LUT_N_2[11:8]
0x00
R
0x249 REG0249
[7:0]
LUT_N_3[11:4]
0x00
R
0x24A REG024A
[7:0]
LUT_N_4[7:0]
0x00
R
0x24B REG024B
[7:0]
LUT_N_5[3:0]
LUT_N_4[11:8]
0x00
R
0x24C REG024C
[7:0]
LUT_N_5[11:4]
0x00
R
0x24D REG024D
[7:0]
LUT_N_6[7:0]
0x00
R
0x24E REG024E
[7:0]
LUT_N_7[3:0]
LUT_N_6[11:8]
0x00
R
0x24F REG024F
[7:0]
LUT_N_7[11:4]
0x00
R
0x250 REG0250
[7:0]
LUT_N_8[7:0]
0x00
R
0x251 REG0251
[7:0]
LUT_N_9[3:0]
LUT_N_8[11:8]
0x00
R
0x252 REG0252
[7:0]
LUT_N_9[11:4]
0x00
R
0x253 REG0253
[7:0]
LUT_N_10[7:0]
0x00
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com