Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4382ABCCZ Datasheet(PDF) 63 Page - Analog Devices

Part # ADF4382ABCCZ
Description  Microwave Wideband Synthesizer with Integrated VCO
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4382ABCCZ Datasheet(HTML) 63 Page - Analog Devices

Back Button ADF4382ABCCZ Datasheet HTML 59Page - Analog Devices ADF4382ABCCZ Datasheet HTML 60Page - Analog Devices ADF4382ABCCZ Datasheet HTML 61Page - Analog Devices ADF4382ABCCZ Datasheet HTML 62Page - Analog Devices ADF4382ABCCZ Datasheet HTML 63Page - Analog Devices ADF4382ABCCZ Datasheet HTML 64Page - Analog Devices ADF4382ABCCZ Datasheet HTML 65Page - Analog Devices ADF4382ABCCZ Datasheet HTML 66Page - Analog Devices ADF4382ABCCZ Datasheet HTML 67Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 82 page
background image
Data Sheet
ADF4382A
REGISTER MAP
analog.com
Rev. A | 63 of 82
Table 114. Bit Descriptions for REG0100
Bits
Bit Name
Description
Reset
Access
[7:6]
RESERVED
Reserved.
0x0
R
[5:0]
CORE0_BIAS_TABLE_0
Automatic Value for the Bias Code When 16 > Band > = 0 and Core = 0. ADF4382A register map
provides register settings.
0x0
R/W
Address: 0x101, Reset: 0x00, Name: REG0101
Table 115. Bit Descriptions for REG0101
Bits
Bit Name
Description
Reset
Access
[7:6]
RESERVED
Reserved.
0x0
R
[5:0]
CORE0_BIAS_TABLE_1
Automatic Value for the Bias Code When 32 > Band > = 16 and Core = 0. ADF4382A register map
provides register settings.
0x0
R/W
Address: 0x102, Reset: 0x00, Name: REG0102
Table 116. Bit Descriptions for REG0102
Bits
Bit Name
Description
Reset
Access
[7:6]
RESERVED
Reserved.
0x0
R
[5:0]
CORE0_BIAS_TABLE_2
Automatic Value for the Bias Code When 64 > Band > = 32 and Core = 0. ADF4382A register map
provides register settings.
0x0
R/W
Address: 0x103, Reset: 0x00, Name: REG0103
Table 117. Bit Descriptions for REG0103
Bits
Bit Name
Description
Reset
Access
[7:6]
RESERVED
Reserved.
0x0
R
[5:0]
CORE0_BIAS_TABLE_3
Automatic Value for the Bias Code When 128 > Band > = 64 and Core = 0. ADF4382A register
map provides register settings.
0x0
R/W
Address: 0x104, Reset: 0x00, Name: REG0104
Table 118. Bit Descriptions for REG0104
Bits
Bit Name
Description
Reset
Access
[7:6]
RESERVED
Reserved.
0x0
R
[5:0]
CORE0_BIAS_TABLE_4
Automatic Value for the Bias Code When 192 > Band > = 128 and Core = 0. ADF4382A register
map provides register settings.
0x0
R/W
Address: 0x105, Reset: 0x00, Name: REG0105
Table 119. Bit Descriptions for REG0105
Bits
Bit Name
Description
Reset
Access
[7:6]
RESERVED
Reserved.
0x0
R
[5:0]
CORE0_BIAS_TABLE_5
Automatic Value for the Bias Code When 256 > Band > =192 and Core = 0. ADF4382A register
map provides register settings.
0x0
R/W
Address: 0x106, Reset: 0x00, Name: REG0106
Table 120. Bit Descriptions for REG0106
Bits
Bit Name
Description
Reset
Access
[7:6]
RESERVED
Reserved.
0x0
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com