Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4382ABCCZ Datasheet(PDF) 55 Page - Analog Devices

Part # ADF4382ABCCZ
Description  Microwave Wideband Synthesizer with Integrated VCO
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4382ABCCZ Datasheet(HTML) 55 Page - Analog Devices

Back Button ADF4382ABCCZ Datasheet HTML 51Page - Analog Devices ADF4382ABCCZ Datasheet HTML 52Page - Analog Devices ADF4382ABCCZ Datasheet HTML 53Page - Analog Devices ADF4382ABCCZ Datasheet HTML 54Page - Analog Devices ADF4382ABCCZ Datasheet HTML 55Page - Analog Devices ADF4382ABCCZ Datasheet HTML 56Page - Analog Devices ADF4382ABCCZ Datasheet HTML 57Page - Analog Devices ADF4382ABCCZ Datasheet HTML 58Page - Analog Devices ADF4382ABCCZ Datasheet HTML 59Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 82 page
background image
Data Sheet
ADF4382A
REGISTER MAP
analog.com
Rev. A | 55 of 82
Address: 0x02F, Reset: 0x00, Name: REG002F
Table 68. Bit Descriptions for REG002F
Bits
Bit Name
Description
Reset
Access
7
BST_REF
Gain boost for low amplitude sinewave reference input (REF_SEL = 1).
0x0
R/W
0: Use for large ref input signals > 8dBm when REF_SEL = 1.
1: Use for ref input signals < 8dBm when REF_SEL = 1.
6
FILT_REF
Select Noise Filter for Sinewave Ref Input Buffer.
0x0
R/W
0: noise filter off.
1: noise filter on.
[5:0]
RDBLR_DC
Reference Doubler Output Duty-cycle. See Table 11.
0x0
R/W
Address: 0x030, Reset: 0x00, Name: REG0030
Table 69. Bit Descriptions for REG0030
Bits
Bit Name
Description
Reset
Access
7
MUTE_NCLK
Mutes the N-divider output to digital block. Set to 0 for normal operation.
0x0
R/W
6
RESERVED
Reserved.
0x0
R/W
5
REF_SEL
Select CML reference input or sine-wave and slow slew-rate reference input.
0x0
R/W
0: CML reference input.
1: Sinewave or slow slew-rate ref input.
4
INV_RDBLR
Invert the Reference Doubler Output. See Table 11.
0x0
R/W
0: Doubler Output Not Inverted.
1: Doubler Output Inverted.
[3:0]
RDBLR_DEL_SEL
Sets the Doubler Pulse Width. See Table 11.
0x0
R/W
Address: 0x031, Reset: 0x00, Name: REG0031
Table 70. Bit Descriptions for REG0031
Bits
Bit Name
Description
Reset
Access
[7:5]
SYNC_DEL
Sets the programmable input delay for the synchronization path. See Table 26.
0x0
R/W
4
RST_SYS
Reset Digital Except SPI and Registers to POR State.
0x0
R/W
0: reset inactive.
1: reset active.
3
EN_ADC_CLK
Enable the ADC Clock.
0x0
R/W
0: disable ADC clock.
1: enable ADC clock.
2
RESERVED
Reserved.
0x0
R/W
1
REG31_RSV1
Reserved. ADF4382A register map provides reserved register settings.
0x0
R/W
0
DCLK_MODE
Divide RCLK and NCLK frequency by factor of 2 during VCO calibration.
0x0
R/W
0: disable frequency division.
1: enable frequency division.
Address: 0x032, Reset: 0x00, Name: REG0032
Table 71. Bit Descriptions for REG0032
Bits
Bit Name
Description
Reset
Access
7
RESERVED
Reserved.
0x0
R/W
6
REG32_RSV6
Reserved. ADF4382A register map provides reserved register settings.
0x0
R/W
5
DEL_MODE
Select the Adjustment Mode to Use.
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com