Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4382ABCCZ Datasheet(PDF) 20 Page - Analog Devices

Part # ADF4382ABCCZ
Description  Microwave Wideband Synthesizer with Integrated VCO
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4382ABCCZ Datasheet(HTML) 20 Page - Analog Devices

Back Button ADF4382ABCCZ Datasheet HTML 16Page - Analog Devices ADF4382ABCCZ Datasheet HTML 17Page - Analog Devices ADF4382ABCCZ Datasheet HTML 18Page - Analog Devices ADF4382ABCCZ Datasheet HTML 19Page - Analog Devices ADF4382ABCCZ Datasheet HTML 20Page - Analog Devices ADF4382ABCCZ Datasheet HTML 21Page - Analog Devices ADF4382ABCCZ Datasheet HTML 22Page - Analog Devices ADF4382ABCCZ Datasheet HTML 23Page - Analog Devices ADF4382ABCCZ Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 82 page
background image
Data Sheet
ADF4382A
THEORY OF OPERATION
analog.com
Rev. A | 20 of 82
OUTPUT FREQUENCY
When the loop is locked, the fVCO (in Hz) produced at the output of
the VCO is determined by fREF and the O, R, and N values given by
the following equation.
fVCO=fREF×D×N×OR
(1)
where:
fREF is the reference frequency.
D is the reference doubler.
R is the reference divider.
O is the output divider.
fPFD is given by the following:
fPFD=fREF × DR
(2)
and fVCO can be alternatively expressed as follows:
fVCO=fPFD×N×O
(3)
The output frequency, fRFOUT, produced at the output of the output
divider is given by the following:
fRFOUT=fVCOO
(4)
N is the feedback divider and is given by the following:
N=NINT+FRAC1WORD+FRAC2WORD
MOD
2WORD
MOD
1WORD
(5)
Output Frequency Calculation Procedure
The following is a worked example for a fractional mode fRFOUT
using the formulas in the Output Frequency section.
For fRFOUT = 20.132 GHz and a channel spacing (fCHSP) of 1 Hz.
Where fREF = fPFD = 250 MHz.
Since fREF = fPFD, the reference divider is set to divide by 1 (R_DIV
= 1) and the reference doubler is bypassed (EN_RDBLR = 0).
The output frequency is within the fundamental VCO frequency
range (fVCO). This means that the output divider (O) is set to divide
by 1 (RFOUT_DIV = 0).
The steps to calculate all N-divider component values are outlined
as follows:
1. Calculate the overall N-value required based on the fRFOUT and
fPFD provided
N = fRFOUTfPFD
(6)
N= 20.132 GHz
250 MHz
=80.528
(7)
2. Separate the NINT and NFRAC components
NINT = INTN  = 80
(8)
NFRAC= N − NINT = 0.528 (9)
3. Calculate the FRAC1WORD
NFRAC1WORD  = NFRAC×MOD
1WORD (10)
Where MOD1WORD is a fixed value of 225 = 33554432
NFRAC1WORD = 0.528 ×33554432 
= 17716740.096
(11)
FRAC
1WORD= INTNFRAC1WORD  
= 17716740
(12)
FRAC2WORD and MOD2WORD are only required if
NFRAC1WORD is not an integer number. If NFRAC1WORD is an
integer, then no further calculation is required. In this case,
VAR_MOD_EN is set to 0 to disable FRAC2WORD and
MOD2WORD.
4. Calculate the MOD2WORD
a. Determine the remainder of the fractional word
NREMAINDER= NFRAC1WORD
−FRAC
1WORD = 0.096 (13)
NREMAINDER= 17716740.096
−17716740 = 0.096
(14)
b. Find the greatest common divisor (GCD) between fFPD and
MOD1WORD × fCHSP.
GCDMOD
1WORD×fCHSP, fPFD
 
(15)
GCD225×1, 250 MHz =128 (16)
c. Calculate initial MOD2WORD Calculation
MOD
2WORDINITIAL
=  fPFD
GCDMOD
1WORD×fCHSP, fPFD
(17)
MOD
2WORDINITIAL = 250 MHz128
 = 1953125
(18)
d. Compare with MOD2WORDMAX
In this example, phase resynchronization is not required.
Therefore, MOD2WORDMAX = 224 − 1 = 16777215 and
the MOD2WORD = 1953125 previously calculated can be
used.
If phase resynchronization were required, then
MOD2WORDMAX = 217 − 1 = 131071. Then fCHSP is need-
ed to be increased in order to reduce MOD2WORD ≤
MOD2WORDMAX.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com