Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4382ABCCZ Datasheet(PDF) 29 Page - Analog Devices

Part # ADF4382ABCCZ
Description  Microwave Wideband Synthesizer with Integrated VCO
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4382ABCCZ Datasheet(HTML) 29 Page - Analog Devices

Back Button ADF4382ABCCZ Datasheet HTML 25Page - Analog Devices ADF4382ABCCZ Datasheet HTML 26Page - Analog Devices ADF4382ABCCZ Datasheet HTML 27Page - Analog Devices ADF4382ABCCZ Datasheet HTML 28Page - Analog Devices ADF4382ABCCZ Datasheet HTML 29Page - Analog Devices ADF4382ABCCZ Datasheet HTML 30Page - Analog Devices ADF4382ABCCZ Datasheet HTML 31Page - Analog Devices ADF4382ABCCZ Datasheet HTML 32Page - Analog Devices ADF4382ABCCZ Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 82 page
background image
Data Sheet
ADF4382A
THEORY OF OPERATION
analog.com
Rev. A | 29 of 82
TotalAutocalibration
 Time=CAL_VTUNE_TO Time+
2
fDIV_RCLK + 10×VCO Band Decision Time
+VCAL
 Time
(39)
where:
VCO
 Band Decision Time=CAL_VCO_TO Time
 CAL_COUNT_TO Time+ 5fDIV_RCLK
(40)
fDIV_RCLK=  fPFD
2DCLK_DIV1 + DCLK_MODE
(41)
VCAL
 Time=  2fDIV_RCLK
(42)
Calibration Time Performance Consideration
When programming the VCO calibration time as per the VCO
Calibration section, the jitter performance can be affected by the
overall calibration time. For applications where taking a longer
time for calibration is not an issue, for example, fixed frequency
applications, it is recommended to program an autocalibration time
of 250 μs to optimize jitter and phase noise performance. For oth-
er applications requiring faster autocalibration times and reduced
overall lock times, an autocalibration time of 100 μs can be used.
However, this time may degrade jitter with temperature changes
over the complete −40°C to +105°C operating range.
Table 21. Recommended Calibration Times
Autocalibration
Time (µs)
CAL_VTUNE_TO
Time
CAL_COUNT_TO
Time (µs)
CAL_VCO_TO
Time (µs)
100
Determined by the
largest loop filter
capacitor
8.5
1
250
Determined by the
largest loop filter
capacitor
23.5
1
The CAL_VTUNE_TO time is determined by the charging time of
the maximum value capacitor in the loop filter. Calculate the charge
time by using the following equation:
CAL
_VTUNE_TO Time = C×VI
(43)
where:
C is the largest capacitor value in loop filter.
V is the VTUNE voltage change for lock and leave over tempera-
ture, which is typically 0.8 V.
I is the VCO calibration generator current of 4.2 mA.
CAL_VTUNE_TO Time Calculation
The CAL_VTUNE_TO time is determined by the charging time of
the maximum value capacitor in the loop filter. Calculate the charge
time by using the following equation:
CAL
_VTUNE_TO Time = C×VI
(44)
where:
C is the largest capacitor value in loop filter.
V is the VTUNE voltage change for lock and leave over tempera-
ture, which is typically 0.8 V.
I is the VCO calibration generator current of 4.2 mA.
Core Bias Table
As part of the initialization process, the core bias table must be
programmed with the predefined values provided in the Register
Map section (see Register 0x100 through Register 0x111). These
are specifically optimized VCO bias values for different frequency
bands of operation. After performing a device initialization, the VCO
bias registers are not reprogrammed until a subsequent power-on
reset executes.
RF Output Divider (O)
A 3-bit divider, RFOUT_DIV (Register 11, Bits[7:5]), is used to
divide the frequency seen at the output buffer and feedback divider.
The divide ratio can be set to 1, 2, or 4. See Table 22 for details on
divider settings. RFOUT_DIV is located inside the PLL. Therefore,
any change to RFOUT_DIV requires a change to the N_INT bit
fields (Register 0x010, Bits[7:0] and Register 0x011, Bits[3:0]) to
maintain the same fPFD and results in the PLL losing lock for a few
loop time constants.
Table 22. RFOUT_DIV Programming
RFOUT_DIV
Divisor
Output Frequency Range (GHz)
0
1
11.5 ≤ RFOUT ≤ 21
1
2
5.75 ≤ RFOUT ≤ 10.5
2
4
2.875 ≤ RFOUT ≤ 5.25
Output Invert (INV_RFOUT)
The output invert, INV_RFOUT (Register 0x011, Bit 4), is used to
shift the output signal 180°. INV_RFOUT is located inside the PLL,
and any change to INV_RFOUT results in the PLL losing lock for
few loop time constants.
Feedback Divider (N)
The feedback divider provides a division ratio in the PLL feedback
path. The division ratio consists of the N_INT (Register 0x011,
Bits[3:0] and Register 0x010, Bits[7:0]), FRAC1WORD (Register
0x15, Bit 0; Register 0x14, Bits[23:16]; Register 0x013, Bits[15:8],
and Register 0x012, Bits[7:0]), FRAC2WORD (Register 0x19,
Bits[23:16]; Register0x18, Bits[15:8]; and Register0x17, Bits[7:0]),



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com