Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS1103B Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # VS1103B
Description  MIDI/ADPCM AUDIO CODEC
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

VS1103B Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button VS1103B Datasheet HTML 6Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 7Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 8Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 9Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 10Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 11Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 12Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 13Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 61 page
background image
VLSI
Solution
y
VS1103b
VS1103B
3. CHARACTERISTICS & SPECIFICATIONS
3.3 Analog Characteristics
Unless otherwise noted: AVDD=2.5..2.85V, CVDD=2.4..2.7V, IOVDD=CVDD-0.6V..3.6V, TA=-25..+70C,
XTALI=12..13MHz, Internal Clock Multiplier 3.5×. DAC tested with 1307.894 Hz full-scale output
sinewave, measurement bandwidth 20..20000 Hz, analog output load: LEFT to GBUF 30Ω, RIGHT to
GBUF 30Ω. Microphone test amplitude 50 mVpp, fs=1 kHz, Line input test amplitude 1.1 V, fs=1 kHz.
Parameter
Symbol
Min
Typ
Max
Unit
DAC Resolution
18
bits
Total Harmonic Distortion
THD
0.1
0.3
%
Dynamic Range (DAC unmuted, A-weighted)
IDR
90
dB
S/N Ratio (full scale signal)
SNR
70
dB
Interchannel Isolation (Cross Talk)
50
75
dB
Interchannel Isolation (Cross Talk), with GBUF
40
dB
Interchannel Gain Mismatch
-0.5
0.5
dB
Frequency Response
-0.1
0.1
dB
Full Scale Output Voltage (Peak-to-peak)
1.3
1.51
1.7
Vpp
Deviation from Linear Phase
5
Analog Output Load Resistance
AOLR
16
302
Analog Output Load Capacitance
100
pF
Microphone input amplifier gain
MICG
26
dB
Microphone input amplitude
50
1403
mVpp AC
Microphone Total Harmonic Distortion
MTHD
0.02
0.10
%
Microphone S/N Ratio
MSNR
50
62
dB
Line input amplitude
2200
28003
mVpp AC
Line input Total Harmonic Distortion
LTHD
0.06
0.10
%
Line input S/N Ratio
LSNR
60
68
dB
Line and Microphone input impedances
100
kΩ
1 3.0 volts can be achieved with +-to-+ wiring for mono difference sound.
2 AOLR may be much lower, but below Typical distortion performance may be compromised.
3 Harmonic Distortion increases above typical amplitude.
Version 1.01, 2007-09-03
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com