Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS1103B Datasheet(PDF) 45 Page - List of Unclassifed Manufacturers

Part # VS1103B
Description  MIDI/ADPCM AUDIO CODEC
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

VS1103B Datasheet(HTML) 45 Page - List of Unclassifed Manufacturers

Back Button VS1103B Datasheet HTML 41Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 42Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 43Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 44Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 45Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 46Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 47Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 48Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 49Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 61 page
background image
VLSI
Solution
y
VS1103b
VS1103B
8. VS1103B REGISTERS
8 VS1103b Registers
8.1 Who Needs to Read This Chapter
User software is required when a user wishes to add some own functionality like DSP effects to VS1103b.
However, most users of VS1103b don’t need to worry about writing their own code, or about this chapter,
including those who only download software plugins from VLSI Solution’s Web site.
8.2 The Processor Core
VS DSP is a 16/32-bit DSP processor core that also had extensive all-purpose processor features. VLSI
Solution’s free VSKIT Software Package contains all the tools and documentation needed to write, sim-
ulate and debug Assembly Language or Extended ANSI C programs for the VS DSP processor core.
VLSI Solution also offers a full Integrated Development Environment VSIDE for full debug capabilities.
8.3 VS1103b Memory Map
VS1103b’s Memory Map is shown in Figure 14.
8.4 SCI Registers
SCI registers described in Chapter 6.6 can be found here between 0xC000..0xC00F. In addition to these
registers, there is one in address 0xC010, called SCI CHANGE.
SCI registers, prefix SCI
Reg
Type
Reset
Abbrev[bits]
Description
0xC010
r
0
CHANGE[5:0]
Last SCI access address.
SCI CHANGE bits
Name
Bits
Description
SCI CH WRITE
4
1 if last access was a write cycle.
SCI CH ADDR
3:0
SPI address of last access.
8.5 Serial Data Registers
SDI registers, prefix SER
Reg
Type
Reset
Abbrev[bits]
Description
0xC011
r
0
DATA
Last received 2 bytes, big-endian.
0xC012
w
0
DREQ[0]
DREQ pin control.
Version 1.01, 2007-09-03
45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com